Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MRFIC0913 Datasheet(Fiches technique) 4 Page - Motorola, Inc

Numéro de pièce MRFIC0913
Description  900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo 

   
 4 page
background image
MRFIC0913
4
MOTOROLA RF DEVICE DATA
f, FREQUENCY (MHz)
56
53
52
50
880
915
55
54
51
Pin = 10 dBm
TA = 25°C
VSS = – 4 V
895
900
905
890
910
885
f, FREQUENCY (MHz)
f, FREQUENCY (MHz)
58
52
50
46
880
915
34.0
880
895
900
905
915
f, FREQUENCY (MHz)
TYPICAL CHARACTERISTICS
Figure 3. Output Power versus Frequency
Figure 4. Power Added Efficiency
versus Frequency
33.8
33.6
33.4
33.2
33.0
25
°C
Pin = 10 dBm
VD1 = VD2 = 4 V
VSS = – 4 V
35.6
35.0
34.6
34.4
880
915
Figure 5. Output Power versus Frequency
Figure 6. Power Added Efficiency
versus Frequency
36.8
880
915
f, FREQUENCY (MHz)
Figure 7. Output Power versus Frequency
36.4
36.0
35.2
40
880
915
f, FREQNENCY (MHz)
Figure 8. Input Return Loss versus Frequency
30
20
15
TA = – 40°C
890
910
56
54
48
35.4
34.8
36.6
36.2
35.6
35
25
85
°C
885
25
°C
Pin = 10 dBm
VD1 = VD2 = 4.8 V
VSS = – 4 V
TA = – 40°C
85
°C
895
900
905
890
910
885
25
°C
Pin = 10 dBm
VD1 = VD2 = 4.8 V
VSS = – 4 V
TA = – 40°C
85
°C
35.2
895
900
905
890
910
885
VD1 = VD2 = 5.6 V
4.8 V
895
900
905
890
910
885
25
°C
Pin = 10 dBm
VD1 = VD2 = 5.6 V
VSS = – 4 V
TA = – 40°C
85
°C
35.8
35.4
895
900
905
890
910
885
25
°C
85
°C
4 V
4 V
Pin = 10 dBm
VD1 = VD2 = 4.8 V
VSS = – 4 V
TA = – 40°C




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MRFIC0917900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC18181700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC0914900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC18171700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC24032.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC0912900 MHz GaAs INTEGRATED POWER AMPLIFIER 1 2 3 4 5 MoreMotorola, Inc
MRFIC18051.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC18071.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
KIA6419PSILICON MONOLITHIC INTEGRATED CIRCUIT LOW POWER AUDIO AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
KIA7217APBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC 5.8W AUDIO POWER AMPLIFIER CAR STEREO CAR RADIO OUTPUT 1 2 3 4 KEC(Korea Electronics)

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl