Moteur de recherche de fiches techniques de composants électroniques |
|
STH130N10F3-2 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
STH130N10F3-2 Fiches technique(HTML) 7 Page - STMicroelectronics |
7 / 23 page STF130N10F3, STFI130N10F3, STH130N10F3-2, STP130N10F3 Electrical characteristics Doc ID 018492 Rev 3 7/23 Figure 8. Static drain-source on-resistance for TO-220FP and I²PAKFP Figure 9. Static drain-source on-resistance for H²PAK-2 Figure 10. Static drain-source on-resistance for TO-220 Figure 11. Normalized BVDSS vs temperature Figure 12. Gate charge vs gate-source voltage Figure 13. Capacitance variations RDS(on) 8.0 7.5 7.0 6.5 20 ID(A) (m Ω) 10 30 8.5 9.0 9.5 VGS=10V 40 515 25 3545 AM11310v1 RDS(on) 8.0 7.5 7.0 6.5 0 40 ID(A) (m Ω) 20 60 8.5 9.0 9.5 10.0 VGS=10V 100 80 120 AM11309v1 RDS(on) 8.0 7.5 7.0 6.5 0 40 ID(A) (m Ω) 20 60 8.5 9.0 9.5 10.0 VGS=10V 100 80 120 AM11308v1 BVDSS -75 TJ(°C) (norm) -25 75 25 125 0.90 0.95 1.00 1.05 1.10 175 ID=250µA AM11318v1 VGS 6 4 2 0 0 Qg(nC) (V) 20 8 10 10 VDD=50V ID=120A 30 12 50 40 60 70 AM11311v1 C 1000 100 10 0.1 10 VDS(V) (pF) 1 10000 Ciss Coss Crss 100 f = 1 MHz AM11312v1 |
Numéro de pièce similaire - STH130N10F3-2 |
|
Description similaire - STH130N10F3-2 |