Moteur de recherche de fiches techniques de composants électroniques |
|
L78L24ACUTR Fiches technique(PDF) 6 Page - STMicroelectronics |
|
L78L24ACUTR Fiches technique(HTML) 6 Page - STMicroelectronics |
6 / 33 page Electrical characteristics L78LxxAB, L78LxxAC, L78LxxC 6/33 Doc ID 2145 Rev 21 4 Electrical characteristics Refer to the test circuits, TJ = 0 to 125 °C, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified. Table 4. Electrical characteristics of L78L33C (VI = 8.3 V) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25 °C 3.036 3.3 3.564 V VO Output voltage IO = 1 to 40 mA, VI = 5.3 to 20 V 2.97 3.63 V IO = 1 to 70 mA, VI = 8.3 V 2.97 3.63 ΔVO Line regulation VI = 5.3 to 20 V, TJ = 25 °C 150 mV VI = 6.3 to 20 V, TJ = 25 °C 100 ΔVO Load regulation IO = 1 to 100 mA, TJ = 25 °C 60 mV IO = 1 to 40 mA, TJ = 25 °C 30 Id Quiescent current TJ = 25 °C 6 mA TJ = 125 °C 5.5 mA ΔId Quiescent current change IO = 1 to 40 mA 0.2 mA VI = 6.3 to 20 V 1.5 eN Output noise voltage B =10 Hz to 100 kHz, TJ = 25 °C 40 µV SVR Supply voltage rejection VI = 6.3 to 16.3 V, f = 120 Hz IO = 40 mA, TJ = 25 °C 41 49 dB Vd Dropout voltage 1.7 V Table 5. Electrical characteristics of L78L05C (VI = 10 V) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25 °C 4.6 5 5.4 V VO Output voltage IO = 1 to 40 mA, VI = 7 to 20 V 4.5 5.5 V IO = 1 to 70 mA, VI = 10 V 4.5 5.5 ΔVO Line regulation VI = 8.5 to 20 V, TJ = 25 °C 200 mV VI = 9 to 20 V, TJ = 25 °C 150 ΔVO Load regulation IO = 1 to 100 mA, TJ = 25 °C 60 mV IO = 1 to 40 mA, TJ = 25 °C 30 Id Quiescent current TJ = 25 °C 6 mA TJ = 125 °C 5.5 mA ΔId Quiescent current change IO = 1 to 40 mA 0.2 mA VI = 8 to 20 V 1.5 eN Output noise voltage B =10 Hz to 100 kHz, TJ = 25 °C 40 µV |
Numéro de pièce similaire - L78L24ACUTR |
|
Description similaire - L78L24ACUTR |