Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L78L15CD-TR Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce L78L15CD-TR
Description  Positive voltage regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L15CD-TR Fiches technique(HTML) 1 Page - STMicroelectronics

  L78L15CD-TR Datasheet HTML 1Page - STMicroelectronics L78L15CD-TR Datasheet HTML 2Page - STMicroelectronics L78L15CD-TR Datasheet HTML 3Page - STMicroelectronics L78L15CD-TR Datasheet HTML 4Page - STMicroelectronics L78L15CD-TR Datasheet HTML 5Page - STMicroelectronics L78L15CD-TR Datasheet HTML 6Page - STMicroelectronics L78L15CD-TR Datasheet HTML 7Page - STMicroelectronics L78L15CD-TR Datasheet HTML 8Page - STMicroelectronics L78L15CD-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
This is information on a product in full production.
September 2012
Doc ID 2145 Rev 21
1/33
33
L78LxxAB,
L78LxxAC, L78LxxC
Positive voltage regulators
Datasheet — production data
Features
Output current up to 100 mA
Output voltages of 3.3; 5; 6; 8; 9; 10; 12; 15; 18;
24 V
Thermal overload protection
Short-circuit protection
No external components are required
Available in either ± 4% (AC) or ± 8% (C)
selection
Description
The L78Lxx series of three-terminal positive
regulators employ internal current limiting and
thermal shutdown, making them essentially
indestructible. If adequate heat-sink is provided,
they can deliver up to 100 mA output current.
They are intended as fixed voltage regulators in a
wide range of applications including local or on-
card regulation for elimination of noise and
distribution problems associated with single-point
regulation. In addition, they can be used with
power pass elements to make high-current
voltage regulators. The L78Lxx series used as
Zener diode/resistor combination replacement,
offers an effective output impedance improvement
of typically two orders of magnitude, along with
lower quiescent current and lower noise.
SOT-89
TO-92
SO-8
Table 1.
Device summary
Part numbers
L78L33C
L78L08AC
L78L15C
L78L33AC
L78L08AB
L78L15AC
L78L33AB
L78L09C
L78L15AB
L78L05C
L78L09AC
L78L18C
L78L05AC
L78L09AB
L78L18AC
L78L05AB
L78L10AC
L78L24C
L78L06AC
L78L12C
L78L24AC
L78L06AB
L78L12AC
L78L24AB
L78L08C
L78L12AB
www.st.com


Numéro de pièce similaire - L78L15CD-TR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L78L15CD-TR STMICROELECTRONICS-L78L15CD-TR Datasheet
907Kb / 29P
   Positive voltage regulators
L78L15CD-TR STMICROELECTRONICS-L78L15CD-TR Datasheet
776Kb / 47P
   Positive voltage regulators
L78L15CD-TR STMICROELECTRONICS-L78L15CD-TR Datasheet
769Kb / 46P
   Positive voltage regulators
February 2016 Rev 25
L78L15CD-TR STMICROELECTRONICS-L78L15CD-TR Datasheet
879Kb / 40P
   Positive voltage regulators
Rev 28 - April 2021
More results

Description similaire - L78L15CD-TR

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com