Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8574ARU Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8574ARU
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8574ARU Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8574ARU Datasheet HTML 2Page - Analog Devices AD8574ARU Datasheet HTML 3Page - Analog Devices AD8574ARU Datasheet HTML 4Page - Analog Devices AD8574ARU Datasheet HTML 5Page - Analog Devices AD8574ARU Datasheet HTML 6Page - Analog Devices AD8574ARU Datasheet HTML 7Page - Analog Devices AD8574ARU Datasheet HTML 8Page - Analog Devices AD8574ARU Datasheet HTML 9Page - Analog Devices AD8574ARU Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8571/AD8572/AD8574
Rev. E | Page 6 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
180
0
120
100
60
20
40
80
140
160
–1.5
–2.5
–0.5
0.5
1.5
2.5
OFFSET VOLTAGE (µV)
VS = 2.7V
VCM = 1.35V
TA = 25°C
Figure 7. Input Offset Voltage Distribution
–40°C
+25°C
+85°C
50
40
30
20
10
0
–20
–10
–30
012
4
35
INPUT COMMON-MODE VOLTAGE (V)
VS = 5V
TA = –40°C, +25°C, +85°C
Figure 8. Input Bias Current vs. Input Common-Mode Voltage
1500
–2000
1000
500
0
–1000
–1500
–500
012
345
COMMON-MODE VOLTAGE (V)
VS = 5V
TA = 125°C
Figure 9. Input Bias Current vs. Common-Mode Voltage
180
0
120
100
60
20
40
80
140
160
–1.5
–2.5
–0.5
0.5
1.5
2.5
OFFSET VOLTAGE (µV)
VS = 5V
VCM = 2.5V
TA = 25°C
Figure 10. Input Offset Voltage Distribution
12
10
8
6
4
2
0
01
234
6
5
INPUT OFFSET DRIFT (nV/°C)
VS = 5V
VCM = 2.5V
TA = –40°C TO +125°C
Figure 11. Input Offset Voltage Drift Distribution
SOURCE
SINK
10k
1k
100
10
1
0.1
0.0001
0.001
0.01
0.1
100
10
1
LOAD CURRENT (mA)
VS = 5V
TA = 25°C
Figure 12. Output Voltage to Supply Rail vs. Load Current


Numéro de pièce similaire - AD8574ARU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8574ARU AD-AD8574ARU Datasheet
247Kb / 19P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
AD8574ARU AD-AD8574ARU Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8574ARU AD-AD8574ARU Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574ARU-REEL AD-AD8574ARU-REEL Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8574ARU-REEL AD-AD8574ARU-REEL Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
More results

Description similaire - AD8574ARU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
logo
Analog Devices
AD8551 AD-AD8551_07 Datasheet
571Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8571 AD-AD8571_06 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551 Datasheet
262Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
AD8571 AD-AD8571 Datasheet
247Kb / 19P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com