Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9226-LQFP-EB Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD9226-LQFP-EB
Description  Complete 12-Bit, 65 MSPS ADC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9226-LQFP-EB Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD9226-LQFP-EB Datasheet HTML 7Page - Analog Devices AD9226-LQFP-EB Datasheet HTML 8Page - Analog Devices AD9226-LQFP-EB Datasheet HTML 9Page - Analog Devices AD9226-LQFP-EB Datasheet HTML 10Page - Analog Devices AD9226-LQFP-EB Datasheet HTML 11Page - Analog Devices AD9226-LQFP-EB Datasheet HTML 12Page - Analog Devices AD9226-LQFP-EB Datasheet HTML 13Page - Analog Devices AD9226-LQFP-EB Datasheet HTML 14Page - Analog Devices AD9226-LQFP-EB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
REV. B
AD9226
–11–
FREQUENCY – MHz
1
1000
100
10
55
65
75
105
95
85
4th HARMONIC
3RD HARMONIC
2ND HARMONIC
TPC 13. Harmonics vs. Frequency
100
90
85
95
SAMPLE RATE – MSPS
10
20
30
40
50
70
60
80
fIN = 2MHz
fIN = 12MHz
fIN = 20MHz
TPC 14. SFDR vs. Sample Rate
CODE
4000
1.0
0.8
0.6
0.4
0.2
0.0
–0.2
–0.4
–0.6
–0.8
–1.0
3500
3000
2500
2000
1500
1000
500
0
TPC 15. Typical INL
70.5
70
69.5
69
69.25
69.75
70.25
SAMPLE RATE – MSPS
10
20
30
40
50
70
60
fIN = 2MHz
fIN = 12MHz
fIN = 20MHz
TPC 16. SINAD vs. Sample Rate
% POSITIVE DUTY CYCLE
30
45
35
50
55
70
45
50
55
60
65
70
75
80
85
90
40
60
65
SFDR – CLOCK STABILIZER ON
SINAD – CLOCK STABILIZER ON
SFDR – CLOCK STABILIZER OFF
SINAD – CLOCK STABILIZER OFF
TPC 17. SINAD/SFDR vs. Duty Cycle @ fIN = 20 MHz
CODE
1
0
–1
0
500
1k
1500
2k
2500
3k
3500
4k
–0.8
–0.6
–0.4
–0.2
0.2
0.4
0.6
0.8
TPC 18. Typical DNL


Numéro de pièce similaire - AD9226-LQFP-EB

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9226-LQFP-EB AD-AD9226-LQFP-EB Datasheet
1Mb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. 0
AD9226-LQFP-EB AD-AD9226-LQFP-EB Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD9226-LQFP-EB AD-AD9226-LQFP-EB Datasheet
1,018Kb / 29P
   ADC Converter
More results

Description similaire - AD9226-LQFP-EB

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9226 AD-AD9226_15 Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD9226 AD-AD9226 Datasheet
1Mb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. 0
AD9226 AD-AD9226_01 Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD15252 AD-AD15252 Datasheet
628Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
AD15252 AD-AD15252_15 Datasheet
636Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com