Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8347ARUZ Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD8347ARUZ
Description  0.8 GHz to 2.7 GHz Direct Conversion
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8347ARUZ Fiches technique(HTML) 4 Page - Analog Devices

  AD8347ARUZ Datasheet HTML 1Page - Analog Devices AD8347ARUZ Datasheet HTML 2Page - Analog Devices AD8347ARUZ Datasheet HTML 3Page - Analog Devices AD8347ARUZ Datasheet HTML 4Page - Analog Devices AD8347ARUZ Datasheet HTML 5Page - Analog Devices AD8347ARUZ Datasheet HTML 6Page - Analog Devices AD8347ARUZ Datasheet HTML 7Page - Analog Devices AD8347ARUZ Datasheet HTML 8Page - Analog Devices AD8347ARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD8347
Rev. A | Page 4 of 28
Parameter
Conditions
Min
Typ
Max
Unit
CONTROL INPUT/OUTPUTS
VCMO Input
@ VS = 2.7 V
1
V
@ VS = 5 V
0.5
1
2.5
V
Gain Control Input Bias Current
VGIN
<1
μA
Offset Input Overriding Current
IOFS, QOFS
10
μA
VREF Output
RLOAD = 10 kΩ
0.95
1.00
1.05
V
RESPONSE FROM RF INPUT TO FINAL
BB AMP
IMXO and QMXO connected directly to IAIN and QAIN,
respectively
Gain @ VVGIN = 0.2 V
65.5
69.5
72.5
dB
Gain @ VVGIN = 1.2 V
−3
+0.5
+4
dB
Gain Slope
−96.5
−89
−82.5
dB/V
Gain Intercept
Linear extrapolation back to theoretical value at VGIN = 0
88
94
101
dB
LO/RF INPUT
(See Figure 30 through Figure 33 for more detail)
LOIP Input Return Loss
Measuring LOIP LOIN, ac-coupled to ground with 100 pF.
−4
dB
Measuring through evaluation board balun with termination
−9.5
dB
RFIP Input Return Loss
RFIP input pin
−10
dB
ENABLE
Power-Up Control
Low = standby
0
0.5
V
Power-Up Control
High = enabled
+VS − 1
+VS
V
Power-Up Time
Time for final BB amps to be within 90% of final amplitude
@ VS = 5 V
20
μs
@ VS = 2.7 V
10
μs
Power-Down Time
Time for supply current to be <4 mA
@ VS = 5 V
30
μs
@ VS = 2.7 V
1.5
ms
POWER SUPPLIES
VPS1, VPS2, VPS3
Voltage
2.7
5.5
V
Current (Enabled)
@ 5 V
48
64
80
mA
Current (Standby)
@ 5 V
400
μA
Current (Standby)
@ 3.3 V
80
μA


Numéro de pièce similaire - AD8347ARUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8347ARU AD-AD8347ARU Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
AD8347ARU-REEL AD-AD8347ARU-REEL Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
AD8347ARU-REEL7 AD-AD8347ARU-REEL7 Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
More results

Description similaire - AD8347ARUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8347 AD-AD8347_15 Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion Quadrature Demodulator
REV. A
AD8347 AD-AD8347 Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
logo
Hittite Microwave Corpo...
HMC334LP4 HITTITE-HMC334LP4 Datasheet
303Kb / 8P
   SiGe WIDEBAND DOWNCONVERTER, 0.8 - 2.7 GHz
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346ARUZ AD-AD8346ARUZ Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Micronetics, Inc.
EL0037 MICRONETICS-EL0037 Datasheet
145Kb / 2P
   High Power Limiters 2.7 GHz to 2.9 GHz
logo
Analog Devices
ADL5571 AD-ADL5571 Datasheet
468Kb / 16P
   2.5 GHz to 2.7 GHz WiMAX Power Amplifier
REV. 0
logo
Texas Instruments
TRF1123 TI-TRF1123 Datasheet
394Kb / 11P
[Old version datasheet]   2.1-GHz to 2.7-GHz 1-W Power Amplifier
TRF1123 TI-TRF1123_07 Datasheet
375Kb / 13P
[Old version datasheet]   2.1-GHz to 2.7-GHz 1-W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com