Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV212BBCZ-150 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce ADV212BBCZ-150
Description  Wavescale Video Codec
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV212BBCZ-150 Fiches technique(HTML) 1 Page - Analog Devices

  ADV212BBCZ-150 Datasheet HTML 1Page - Analog Devices ADV212BBCZ-150 Datasheet HTML 2Page - Analog Devices ADV212BBCZ-150 Datasheet HTML 3Page - Analog Devices ADV212BBCZ-150 Datasheet HTML 4Page - Analog Devices ADV212BBCZ-150 Datasheet HTML 5Page - Analog Devices ADV212BBCZ-150 Datasheet HTML 6Page - Analog Devices ADV212BBCZ-150 Datasheet HTML 7Page - Analog Devices ADV212BBCZ-150 Datasheet HTML 8Page - Analog Devices ADV212BBCZ-150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Wavescale Video Codec
ADV212
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,nor for anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Implementation of a JPEG2000-compatible video CODEC for
video and still images through the ADV212 Wavescale
video compression/decompression engine
Identical pinout and footprint to the ADV202; and support
for all the functionality of the ADV202
Power reduction of at least 30% compared with ADV202
JTAG/boundary scan support
Patented spatial ultraefficient recursive filtering (SURF)
technology for low power, low cost wavelet-based
compression
Support for both 9/7 and 5/3 wavelet transforms with up to
5 levels of transform
9/7 wavelet support for tiles up to 1.048 million samples
5/3 wavelet support for tiles up to 262,144 samples
Video interface direct support for ITU-R BT.656, SMPTE 125M
PAL/NTSC, SMPTE 274M, SMPTE 293M (525p), and ITU-R
BT.1358 (625p) or any video format with a maximum input
rate of 65 MSPS for irreversible mode or 40 MSPS for
reversible mode
Programmable tile/image size with widths of up to
4096 pixels in single-component mode; maximum
tile/image height of 4096 pixels
Ability to combine 2 or more ADV212s to support full-frame
SMPTE 274M HDTV (1080i) or SMPTE 296M (720p)
Flexible, asynchronous SRAM-style host interface support
for glueless connection to most 16-/32-bit microcontrollers
and ASICs
2.5 V or 3.3 V input/output and 1.5 V core supply
2 package and speed grade options
12 mm × 12 mm, 121-ball CSP_BGA with a speed grade of
115 MHz
13 mm × 13 mm, 144-ball CSP_BGA with a speed grade of
150 MHz
APPLICATIONS
Networked video and image distribution systems
Wireless video and image distribution
Image archival/retrieval
Digital CCTV and surveillance systems
Digital cinema systems
Professional video editing and recording
Digital still cameras
Digital camcorders
GENERAL DESCRIPTION
The ADV212 Wavescale® video compression/decompression
(CODEC) is a single-chip JPEG2000 CODEC targeted for video
and high bandwidth image compression applications that can
benefit from the enhanced quality and features provided by the
JPEG2000 (J2K) ISO/IEC15444-1 image compression standard.
The part implements the computationally intensive operations
of the JPEG2000 image compression standard and provides
fully compliant code stream generation for most applications.
The dedicated video port of the ADV212 provides glueless con-
nection to common digital video standards such as ITU-R
BT.656, SMPTE 125M, SMPTE 293M (525p), ITU-R BT.1358
(625p), SMPTE 274M (1080i), and SMPTE 296M (720p). A
variety of other high speed, synchronous pixel and video
formats can also be supported by using the programmable
framing and validation signals.
The ADV212 is an upgrade version of the ADV202, which is
identical in pinout and footprint. It supports all of the func-
tionality of the ADV202 and has the following additional
options: JTAG/boundary scan support and power reduction of
at least 30% compared with the ADV202.


Numéro de pièce similaire - ADV212BBCZ-150

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV212BBCZ-150 AD-ADV212BBCZ-150 Datasheet
394Kb / 44P
   JPEG 2000 Video Codec
REV. 0
More results

Description similaire - ADV212BBCZ-150

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV212 AD-ADV212_15 Datasheet
478Kb / 44P
   Wavescale Video Codec
Rev. B
ADV202BBCZRL-115 AD-ADV202BBCZRL-115 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
REV. D
ADV202 AD-ADV202_15 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
Rev. D
ADV202 AD-ADV202 Datasheet
841Kb / 40P
   JPEG2000 Video Codec
REV. 0
ADV601LCJSTZ AD-ADV601LCJSTZ Datasheet
546Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV212 AD-ADV212 Datasheet
394Kb / 44P
   JPEG 2000 Video Codec
REV. 0
ADV601LC AD-ADV601LC Datasheet
472Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV601LC AD-ADV601LC_15 Datasheet
546Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV601 AD-ADV601 Datasheet
606Kb / 52P
   Low Cost Multiformat Video Codec
REV. 0
ADV7202 AD-ADV7202 Datasheet
216Kb / 26P
   Simultaneous Sampling Video Rate Codec
REV. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com