Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM401 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AM401
Description  INDUSTRIAL VOLTAGE AMPLIFIER IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AM401 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AM401 Datasheet HTML 7Page - Analog Devices AM401 Datasheet HTML 8Page - Analog Devices AM401 Datasheet HTML 9Page - Analog Devices AM401 Datasheet HTML 10Page - Analog Devices AM401 Datasheet HTML 11Page - Analog Devices AM401 Datasheet HTML 12Page - Analog Devices AM401 Datasheet HTML 13Page - Analog Devices AM401 Datasheet HTML 14Page - Analog Devices AM401 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
INDUSTRIAL VOLTAGE AMPLIFIER IC
AM401
analog microelectronics
Mars 2006
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
11/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.3
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
APPLICATIONS
Application 1 – Differential input signal, voltage output signal of 0...5/10V
With applications which require an output voltage of 0...5/10V the pin used to configure the
instrumentation amplifier offset (ZA) is connected to the IC’s Ground. Gain G is set using the two
external resistors R1 and R2:
()
2
1
1
R
R
G
G
G
G
IA
OP
IA
+
=
=
(2)
If no offset voltage is present, the transfer function of the output voltage (Gl.1) is:
VOUT = G VIN
Using these equations the values of resistors R1 and R2 can be set as follows:
R
R
V
GV
OUT
IA
IN
1
2
1
=−
Example 1:
Input voltage (differential) of 0...50mV and output voltage range of 0...10V
If VIN = 0...50mV, R1/R2 = 39 and IREF ≥ 1mA the values of the external components are as follows:
R1 ≈ 117kΩ
R2 ≈ 3kΩ
GIA = 5
C1 = 2.2µF
C2 = 10nF
Example 2:
Input voltage (differential) of 0...100mV and output voltage range of 0...5V
If VIN = 0...100mV, R1/R2 = 9 and IREF ≥ 1mA the values of the external components are as follows:
R1 ≈ 90kΩ
R2 ≈ 10kΩ
GIA = 5
C1 = 2.2µF
C2 = 10nF


Numéro de pièce similaire - AM401

FabricantNo de pièceFiches techniqueDescription
logo
WOLFSPEED, INC.
AM401 WOLFSPEED-AM401 Datasheet
290Kb / 21P
   INDUSTRIAL VOLTAGE AMPLIFIER IC
March 2006 Rev. 2.3
logo
Analog Microelectronics...
AM401 ANALOGMICRO-AM401 Datasheet
290Kb / 21P
   INDUSTRIAL VOLTAGE AMPLIFIER IC AM401
March 2006
More results

Description similaire - AM401

FabricantNo de pièceFiches techniqueDescription
logo
WOLFSPEED, INC.
AM401 WOLFSPEED-AM401 Datasheet
290Kb / 21P
   INDUSTRIAL VOLTAGE AMPLIFIER IC
March 2006 Rev. 2.3
logo
Princeton Technology Co...
PA2464 PTC-PA2464 Datasheet
444Kb / 15P
   Power Amplifier IC
logo
NEC
MC5152 NEC-MC5152 Datasheet
298Kb / 2P
   HYBRID IC AMPLIFIER
logo
List of Unclassifed Man...
PA2460 ETC1-PA2460 Datasheet
251Kb / 12P
   Power Amplifier IC
logo
Analog Devices
AM400 AD-AM400 Datasheet
317Kb / 21P
   UNIVERSAL AMPLIFIER IC
logo
Princeton Technology Co...
PA2460 PTC-PA2460 Datasheet
183Kb / 15P
   Power Amplifier IC
logo
Analog Microelectronics
AM460 AME-AM460 Datasheet
163Kb / 18P
   Industrial Converter and Protector IC
logo
WOLFSPEED, INC.
AM460 WOLFSPEED-AM460 Datasheet
153Kb / 18P
   Industrial Converter and Protector IC
April 2003 Rev. 1.1
AM400 WOLFSPEED-AM400 Datasheet
312Kb / 21P
   UNIVERSAL AMPLIFIER IC
Februar 2006 Rev.: 4.3
logo
New Japan Radio
NJM2147 NJRC-NJM2147 Datasheet
225Kb / 5P
   DUAL HIGH VOLTAGE AND LOW POWER OPERATIONAL AMPLIFIER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com