Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4754A Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce 1N4754A
Description  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4754A Fiches technique(HTML) 2 Page - Vishay Siliconix

  1N4754A Datasheet HTML 1Page - Vishay Siliconix 1N4754A Datasheet HTML 2Page - Vishay Siliconix 1N4754A Datasheet HTML 3Page - Vishay Siliconix 1N4754A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N4728A to 1N4764A
www.vishay.com
Vishay Semiconductors
Rev. 2.3. 13-Nov-12
2
Document Number: 85816
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Based on DC measurement at thermal equilibrium while maintaining the lead temperature (TL) at 30 °C + 1 °C, 9.5 mm (3/8") from the
diode body
(2) Valid provided that electrodes at a distance of 4 mm from case are kept at ambient temperature
(3) tp = 10 ms.
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART
NUMBER
ZENER VOLTAGE
RANGE (1)
TEST
CURRENT
REVERSE LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
f = 1 kHz
SURGE
CURRENT (3)
REGULATOR
CURRENT (2)
VZ at IZT1
IZT1
IZT2
IR at VR
ZZT at IZT1 ZZK at IZT2
IR
IZM
V
mA
mA
μA
V
mA
mA
NOM.
MAX.
TYP.
MAX.
MAX.
1N4728A
3.3
76
1
100
1
10
400
1380
276
1N4729A
3.6
69
1
100
1
10
400
1260
252
1N4730A
3.9
64
1
50
1
9
400
1190
234
1N4731A
4.3
58
1
10
1
9
400
1070
217
1N4732A
4.7
53
1
10
1
8
500
970
193
1N4733A
5.1
49
1
10
1
7
550
890
178
1N4734A
5.6
45
1
10
2
5
600
810
162
1N4735A
6.2
41
1
10
3
2
700
730
146
1N4736A
6.8
37
1
10
4
3.5
700
660
133
1N4737A
7.5
34
0.5
10
5
4
700
605
121
1N4738A
8.2
31
0.5
10
6
4.5
700
550
110
1N4739A
9.1
28
0.5
10
7
5
700
500
100
1N4740A
10
25
0.25
10
7.6
7
700
454
91
1N4741A
11
23
0.25
5
8.4
8
700
414
83
1N4742A
12
21
0.25
5
9.1
9
700
380
76
1N4743A
13
19
0.25
5
9.9
10
700
344
69
1N4744A
15
17
0.25
5
11.4
14
700
304
61
1N4745A
16
15.5
0.25
5
12.2
16
700
285
57
1N4746A
18
14
0.25
5
13.7
20
750
250
50
1N4747A
20
12.5
0.25
5
15.2
22
750
225
45
1N4748A
22
11.5
0.25
5
16.7
23
750
205
41
1N4749A
24
10.5
0.25
5
18.2
25
750
190
38
1N4750A
27
9.5
0.25
5
20.6
35
750
170
34
1N4751A
30
8.5
0.25
5
22.8
40
1000
150
30
1N4752A
33
7.5
0.25
5
25.1
45
1000
135
27
1N4753A
36
7
0.25
5
27.4
50
1000
125
25
1N4754A
39
6.5
0.25
5
29.7
60
1000
115
23
1N4755A
43
6
0.25
5
32.7
70
1500
110
22
1N4756A
47
5.5
0.25
5
35.8
80
1500
95
19
1N4757A
51
5
0.25
5
38.8
95
1500
90
18
1N4758A
56
4.5
0.25
5
42.6
110
2000
80
16
1N4759A
62
4
0.25
5
47.1
125
2000
70
14
1N4760A
68
3.7
0.25
5
51.7
150
2000
65
13
1N4761A
75
3.3
0.25
5
56
175
2000
60
12
1N4762A
82
3
0.25
5
62.2
200
3000
55
11
1N4763A
91
2.8
0.25
5
69.2
250
3000
50
10
1N4764A
100
2.5
0.25
5
76
350
3000
45
9


Numéro de pièce similaire - 1N4754A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
1N4754A VISHAY-1N4754A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Fairchild Semiconductor
1N4754A FAIRCHILD-1N4754A Datasheet
667Kb / 5P
   Zener Diodes
logo
Chongqing Pingwei Enter...
1N4754A CHONGQING-1N4754A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
1N4754A CDIL-1N4754A Datasheet
154Kb / 4P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
logo
Shanghai Shunye Electro...
1N4754A SHUNYE-1N4754A Datasheet
341Kb / 3P
   ZENER DIODES
More results

Description similaire - 1N4754A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com