Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL2531 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce HCPL2531
Description  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2531 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button HCPL2531 Datasheet HTML 2Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 3Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 4Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 5Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 6Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 7Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 8Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 9Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N135, 6N136, HCPL2503, HCPL4502, HCPL2530, HCPL2531 Rev. 1.0.7
6
Electrical Characteristics (Continued) (T
A = 0 to 70°C unless otherwise specified)
Isolation Characteristics (TA = 0 to 70°C Unless otherwise specified)
Notes:
9. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are
shorted together.
10. Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together.
Symbol
Characteristics
Test Conditions
Min
Typ**
Max
Unit
II-O
Input-Output Insulation
Leakage Current
Relative humidity = 45%,
TA = 25°C, t = 5s,
VI-O = 3000 VDC
(9)
1.0
µA
VISO
Withstand Insulation Test
Voltage
RH
≤ 50%, T
A = 25°C, II-O ≤ 2µA,
t = 1 min.(9)
2500
VRMS
RI-O
Resistance (Input to Output)
VI-O = 500VDC
(9)
1012
CI-O
Capacitance (Input to Output)
f = 1MHz(9)
0.6
pF
HFE
DC Current Gain
IO = 3mA, VO = 5V
(9)
150
II-I
Input-Input Insulation Leakage
Current
RH
≤ 45%, V
I-I = 500VDC
(10)
t = 5 s, (HCPL2530/2531 only)
0.005
µA
RI-I
Input-Input Resistance
VI-I = 500 VDC
(10)
(HCPL2530/2531 only)
1011
CI-I
Input-Input Capacitance
f = 1MHz)(10)
(HCPL2530/2531 only)
0.03
pF


Numéro de pièce similaire - HCPL2531

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
HCPL2531 TI-HCPL2531 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
HCPL2531 FAIRCHILD-HCPL2531 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL2531 FAIRCHILD-HCPL2531 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL2531M FAIRCHILD-HCPL2531M Datasheet
363Kb / 13P
   High Speed Transistor Optocouplers
HCPL2531M FAIRCHILD-HCPL2531M Datasheet
422Kb / 15P
   Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) High Speed Transistor Optocouplers
More results

Description similaire - HCPL2531

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com