Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL2530W Fiches technique(PDF) 11 Page - Fairchild Semiconductor

No de pièce HCPL2530W
Description  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2530W Fiches technique(HTML) 11 Page - Fairchild Semiconductor

Back Button HCPL2530W Datasheet HTML 4Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 5Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 6Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 7Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 8Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 9Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 10Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 11Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N135, 6N136, HCPL2503, HCPL4502, HCPL2530, HCPL2531 Rev. 1.0.7
11
Tape Specifications
Reflow Profile
4.0
± 0.1
Ø1.55
± 0.05
User Direction of Feed
4.0
± 0.1
1.75
± 0.10
7.5
± 0.1
16.0
± 0.3
12.0
± 0.1
0.30
± 0.05
13.2
± 0.2
4.90
± 0.20
0.1 MAX
10.30
± 0.20
10.30
± 0.20
Ø1.6
± 0.1
• Peak reflow temperature: 225C (package surface temperature)
• Time of temperature higher than 183C for 60–150 seconds
• One time soldering reflow is recommended
215 C, 10–30 s
225 C peak
Time (Minute)
0
300
250
200
150
100
50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Time above 183C, 60–150 sec
Ramp up = 3C/sec


Numéro de pièce similaire - HCPL2530W

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Agilent(Hewlett-Packard...
HCPL2530 HP-HCPL2530 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
Fairchild Semiconductor
HCPL2530 FAIRCHILD-HCPL2530 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL2530 FAIRCHILD-HCPL2530 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL2530M FAIRCHILD-HCPL2530M Datasheet
363Kb / 13P
   High Speed Transistor Optocouplers
More results

Description similaire - HCPL2530W

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com