Moteur de recherche de fiches techniques de composants électroniques |
|
FQD2N60C Fiches technique(PDF) 3 Page - Fairchild Semiconductor |
|
FQD2N60C Fiches technique(HTML) 3 Page - Fairchild Semiconductor |
3 / 9 page 3 Typical Performance Characteristics Figure 1. On-Region Characteristics Figure 2. Transfer Characteristics Figure 3. On-Resistance Variation vs. Figure 4. Body Diode Forward Voltage Drain Current and Gate Voltage Variation vs. Source Current and Temperatue Figure 5. Capacitance Characteristics Figure 6. Gate Charge Characteristics 10 -1 10 0 10 1 10 -2 10 -1 10 0 V GS Top : 15.0 V 10.0 V 8.0 V 7.0 V 6.5 V 6.0 V 5.5 V 5.0 V Bottom: 4.5 V Notes : ※ 1. 250µs Pulse Test 2. T C = 25℃ V DS, Drain-Source Voltage [V] 2468 10 10 -1 10 0 10 1 150 oC 25 oC -55 oC Notes : ※ 1. V DS = 40V 2. 250µs Pulse Test V GS, Gate-Source Voltage [V] 0123 45 0 2 4 6 8 10 12 V GS = 20V V GS = 10V Note : T ※ J = 25 ℃ I D, Drain Current [A] 0.2 0.4 0.6 0.8 1.0 1.2 1.4 10 -1 10 0 150℃ Notes : ※ 1. V GS = 0V 2. 250µ s Pulse Test 25℃ V SD, Source-Drain voltage [V] 10 -1 10 0 10 1 0 50 100 150 200 250 300 350 400 450 500 C iss = Cgs + Cgd (Cds = shorted) C oss = Cds + Cgd C rss = Cgd Notes ; ※ 1. V GS = 0 V 2. f = 1 MHz C rss C oss C iss V DS, Drain-Source Voltage [V] 0 2468 10 0 2 4 6 8 10 12 V DS = 300V V DS = 120V V DS = 480V Note: I ※ D = 2A Q G, Total Gate Charge [nC] www.fairchildsemi.com ©200 9 Fairchild Semiconductor Corporation FQD2N60C / FQU2N60C Rev. C0 |
Numéro de pièce similaire - FQD2N60C |
|
Description similaire - FQD2N60C |