Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5-104655-6 Fiches technique(PDF) 11 Page - Tyco Electronics

No de pièce 5-104655-6
Description  Fine Pitch SMT Stacking Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

5-104655-6 Fiches technique(HTML) 11 Page - Tyco Electronics

Back Button 5-104655-6 Datasheet HTML 5Page - Tyco Electronics 5-104655-6 Datasheet HTML 6Page - Tyco Electronics 5-104655-6 Datasheet HTML 7Page - Tyco Electronics 5-104655-6 Datasheet HTML 8Page - Tyco Electronics 5-104655-6 Datasheet HTML 9Page - Tyco Electronics 5-104655-6 Datasheet HTML 10Page - Tyco Electronics 5-104655-6 Datasheet HTML 11Page - Tyco Electronics 5-104655-6 Datasheet HTML 12Page - Tyco Electronics 5-104655-6 Datasheet HTML 13Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
98
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
Terminating Covers for Cable Connectors
Material
Glass-filled thermoplastic,
black, 94V-0 rated
Related Product Data
Connectors used with Covers —
page 97
Termination Tooling — page 99
Technical Documents (page 113)
Product Specification 108-1443
Application Specification
408-9817, 408-9909
Packaging: Plastic bag
No. of
Dimension
Terminator Cover
Pos.
A
Part Numbers
10
14.35 [.565]
104891-1
20
20.70 [.815]
104891-2
30
27.05 [1.065]
104891-3
40
33.82 [1.315]
104891-4
50
39.75 [1.565]
104891-5
60
46.10 [1.815]
104891-6
70
52.45 [2.065]
104891-7
80
58.80 [2.315]
104891-8
100
71.50 [2.815]
1-104891-0
Notes: Terminating covers must be purchased separately, two are required
for each cable connector.
Part Numbers are RoHS compliant.
7.04
[.277]
4.85
[.191]
A


Numéro de pièce similaire - 5-104655-6

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
5-104655-6 MACOM-5-104655-6 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
5-104655-6 MACOM-5-104655-6 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
More results

Description similaire - 5-104655-6

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
14-5602-030-000-829 AVX-14-5602-030-000-829 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
5602 AVX-5602 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
24-5046-030-600-829 AVX-24-5046-030-600-829 Datasheet
388Kb / 13P
   Fine Pitch SMT Board to Board Connectors
logo
Omron Electronics LLC
XH4A OMRON-XH4A Datasheet
885Kb / 8P
   Half-pitch Low-profile Stacking Connectors
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
Molex Electronics Ltd.
5024305010 MOLEX11-5024305010 Datasheet
485Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking
5015313410 MOLEX11-5015313410 Datasheet
227Kb / 5P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.30mm (.051") Stacking
5024302230 MOLEX11-5024302230 Datasheet
526Kb / 7P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking Height
5024302030 MOLEX11-5024302030 Datasheet
527Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking Height
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com