Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KSC1815 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce KSC1815
Description  Audio Frequency Amplifier & High Frequency OSC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC1815 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  KSC1815 Datasheet HTML 1Page - Fairchild Semiconductor KSC1815 Datasheet HTML 2Page - Fairchild Semiconductor KSC1815 Datasheet HTML 3Page - Fairchild Semiconductor KSC1815 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, September 2002
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. Transfer Characteristic
Figure 3. DC current Gain
Figure 4. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 5. Output Capacitance
Figure 6. Current Gain Bandwidth Product
0
4
8
12
16
20
0
20
40
60
80
100
I
B = 400µA
I
B = 350µA
I
B = 300µA
I
B
= 250
µA
I
B
= 200
µA
I
B = 150µA
I
B
= 100
µA
I
B = 50µA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
VCE=6V
VBE[V], BASE-EMITTER VOLTAGE
1
10
100
1000
10
1000
VCE = 6V
IC[mA], COLLECTOR CURRENT
1
10
100
1000
10
100
1000
10000
IC=10IB
VCE(sat)
VBE(sat)
IC[mA], COLLECTOR CURRENT
1
10
100
1000
1
10
100
f=1MHz
IE=0
VCB[V], COLLECTOR-BASE VOLTAGE
0.1
1
10
100
1
10
100
1000
VCE=6V
IC[mA], COLLECTOR CURRENT


Numéro de pièce similaire - KSC1815

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KSC1815YTA FAIRCHILD-KSC1815YTA Datasheet
142Kb / 6P
   NPN Epitaxial Silicon Transistor
More results

Description similaire - KSC1815

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KSC945YTA FAIRCHILD-KSC945YTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
FJX945 FAIRCHILD-FJX945 Datasheet
48Kb / 4P
   Audio Frequency Amplifier High Frequency OSC.
KSC945CGTA FAIRCHILD-KSC945CGTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
logo
ON Semiconductor
FJX945 ONSEMI-FJX945 Datasheet
161Kb / 6P
   Audio Frequency Amplifier High Frequency OSC.
Rev. B2, April 2004
logo
Fairchild Semiconductor
KSC945CYTA FAIRCHILD-KSC945CYTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
FJZ945 FAIRCHILD-FJZ945 Datasheet
217Kb / 5P
   Audio Frequency Amplifier & High Frequency OSC.
KSC3114 FAIRCHILD-KSC3114 Datasheet
25Kb / 3P
   Audio Frequency Amplifier High Frequency OSC.
KSC945 FAIRCHILD-KSC945 Datasheet
42Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
KSC945YBU FAIRCHILD-KSC945YBU Datasheet
48Kb / 4P
   Audio Frequency Amplifier High Frequency OSC.
KSC2785YTA FAIRCHILD-KSC2785YTA Datasheet
43Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
KSC945CLTA FAIRCHILD-KSC945CLTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier High Frequency OSC
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com