Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AZT71_1301 Fiches technique(PDF) 6 Page - Arizona Microtek, Inc

No de pièce AZT71_1301
Description  Programmable Capacitive Tuning IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AZM [Arizona Microtek, Inc]
Site Internet  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZT71_1301 Fiches technique(HTML) 6 Page - Arizona Microtek, Inc

Back Button AZT71_1301 Datasheet HTML 2Page - Arizona Microtek, Inc AZT71_1301 Datasheet HTML 3Page - Arizona Microtek, Inc AZT71_1301 Datasheet HTML 4Page - Arizona Microtek, Inc AZT71_1301 Datasheet HTML 5Page - Arizona Microtek, Inc AZT71_1301 Datasheet HTML 6Page - Arizona Microtek, Inc AZT71_1301 Datasheet HTML 7Page - Arizona Microtek, Inc AZT71_1301 Datasheet HTML 8Page - Arizona Microtek, Inc AZT71_1301 Datasheet HTML 9Page - Arizona Microtek, Inc AZT71_1301 Datasheet HTML 10Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Arizona Microtek, Inc.
AZT71
Programmable Capacitive Tuning IC
www.azmicrotek.com
+1-480-962-5881
6
Request a Sample
Jan 2013, Rev 1.3
PROGRAMMING TO THE SHIFT REGISTER
Control word bits are inputted serially through the DA pin timed with the rising edge of the CLK pin. Figure 7 shows the
control word 11001100100 has been serially entered into the register. Note that bit0 is the 1
st bit to enter and bit10 is the
last. In the AZT71, bit0 does not affect the capacitance value but still must be included in the serial bit stream. For the
shift register, capacitors are selected when bits are active HIGH. For the AZT71 to read from the shift register, the CLK
pin must remain HIGH.
t
DA
CLK
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
bit 7
bit 8
bit 9
bit 10
Register data
active when
CLK is high
bit 0
loaded 1st
Figure 7 - Shift register programming
WRITING DATA TO THE EEPROM
Once the desired capacitance value has been determined, the digital control word can be written or re-written into the
EEPROM. By storing the control word in the EEPROM, the customer is prevented from making adjustments from the
factory set programming data. This is accomplished within the AZT71 with internal pull-downs on the DA, PV, and CLK
pins. The detailed sequence for writing data to the EEPROM within the AZT71 is described in Table 6. Note that with
EEPROM, capacitors are selected when bits are active LOW.
Table 6 – Data writing sequence for EEPROM
Step
Action
1
Determine the desired capacitor control word with the operational power supply voltage and
desired oscillator conditions
2
Set the VDD supply voltage to +5.0V
3
If EEPROM is not already erased, erase EEPROM (see ERASING THE EEPROM)
4
Read the current state of the EEPROM bits (see READING BACK FROM THE EEPROM)
5
Compare the desired control word to the stored EEPROM control word. Count the number of
differences so as to prevent double/redundant writing
6
One bit at a time, load the first desired control word bit (bit selection for EEPROM is active LOW)
7
Set the PV pin to +6V (≥5.6V, ≤6.1V) with the pulse and idle shown in timing diagram (Figure 10)
8
Progress through all necessary control word bits by repeating steps 5 & 6 until all bits are set to the
desired control word.
9
Verify the correct EEPROM contents by reading back the individual bits


Numéro de pièce similaire - AZT71_1301

FabricantNo de pièceFiches techniqueDescription
logo
Arizona Microtek, Inc
AZT71HG AZM-AZT71HG Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
AZT71MG AZM-AZT71MG Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
AZT71QG AZM-AZT71QG Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
More results

Description similaire - AZT71_1301

FabricantNo de pièceFiches techniqueDescription
logo
Arizona Microtek, Inc
AZT70 AZM-AZT70 Datasheet
622Kb / 12P
   Programmable Capacitive Tuning IC
AZT71 AZM-AZT71 Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
logo
List of Unclassifed Man...
XE2004 ETC1-XE2004 Datasheet
362Kb / 14P
   Programmable low-power capacitive sensor conditioning IC
logo
Rohm
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
   Capacitive Sensor Signal Conditioner IC
logo
Rohm
BU21050FS ROHM-BU21050FS Datasheet
315Kb / 8P
   Capacitive Sensor Switch Control IC
logo
Analog Microelectronics
CAV414 AME-CAV414 Datasheet
70Kb / 6P
   Converter IC for Capacitive Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com