Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU4948G-TR Fiches technique(PDF) 1 Page - Rohm

No de pièce BU4948G-TR
Description  Low Voltage Standard CMOS Voltage Detector ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU4948G-TR Fiches technique(HTML) 1 Page - Rohm

  BU4948G-TR Datasheet HTML 1Page - Rohm BU4948G-TR Datasheet HTML 2Page - Rohm BU4948G-TR Datasheet HTML 3Page - Rohm BU4948G-TR Datasheet HTML 4Page - Rohm BU4948G-TR Datasheet HTML 5Page - Rohm BU4948G-TR Datasheet HTML 6Page - Rohm BU4948G-TR Datasheet HTML 7Page - Rohm BU4948G-TR Datasheet HTML 8Page - Rohm BU4948G-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Product structure
Silicon monolithic integrated circuit
This product is not designed for protection against radioactive rays
.
1/13
Datasheet
TSZ02201-0R7R0G300060-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.008
TSZ22111
14
001
www.rohm.com
Voltage Detector IC Series
Low Voltage Standard
CMOS Voltage Detector ICs
BU48xx series
BU49xx series
General Description
ROHM standard CMOS reset IC series is a high-accuracy,
low current consumption reset IC series. The lineup was
established with two output types (Nch open drain and
CMOS output) and detection voltage range from 0.9V to
4.8V in increments of 0.1V, so that the series may be
selected according to the application at hand.
Features
Ultra-low current consumption
High accuracy detection, Ultra-low voltage detection
Two output types (Nch open drain and CMOS output)
Wide operating temperature range
Very small and low height package
Package SSOP5 and SOP4 is similar to SOT-23-5 and
SC-82 respectively (JEDEC)
Key Specifications
Detection voltage:
0.9V to 4.8V
0.1V steps
High accuracy detection voltage:
±1.0%
Ultra-low current consumption:
0.55µA (Typ.)
Operating temperature range:
-40°C to +125°C
Package
SSOP5
2.90mm x 2.80mm x 1.25mm
SOP4
2.00mm x 2.10mm x 0.95mm
VSOF5
1.60mm x 1.60mm x 0.60mm
SOT89-3F
4.50mm x 4.15mm x 1.50mm
Applications
All electronic devices that use micro controllers and logic
circuits
Typical Application Circuit
Open Drain Output type
BU48xx series
CMOS Output type
BU49xx series
VDD1
BU48xx
VDD2
GND
CL
(Capacitor for
noise filtering)
RL
CIN
RST
Micro
controller
VDD1
BU49xx
CIN
GND
CL
(Capacitor for
noise filtering)
RST
Micro
controller


Numéro de pièce similaire - BU4948G-TR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4948G-TR ROHM-BU4948G-TR Datasheet
266Kb / 9P
   Low Voltage Standard CMOS Voltage Detector IC Series
BU4948G-TR ROHM-BU4948G-TR Datasheet
1Mb / 19P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4948G-TR ROHM-BU4948G-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4948G-TR ROHM-BU4948G-TR Datasheet
483Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4948G-TR ROHM-BU4948G-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
More results

Description similaire - BU4948G-TR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU48XXG ROHM-BU48XXG_11 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU48XX ROHM-BU48XX Datasheet
1Mb / 19P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4811G-TR ROHM-BU4811G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4836F-TR ROHM-BU4836F-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4825F-TR ROHM-BU4825F-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4830F-TR ROHM-BU4830F-TR Datasheet
483Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4942G-TR ROHM-BU4942G-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com