Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU18SD2MG-MTR Fiches technique(PDF) 6 Page - Rohm

No de pièce BU18SD2MG-MTR
Description  1ch 200mA CMOS LDO Regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU18SD2MG-MTR Fiches technique(HTML) 6 Page - Rohm

Back Button BU18SD2MG-MTR Datasheet HTML 2Page - Rohm BU18SD2MG-MTR Datasheet HTML 3Page - Rohm BU18SD2MG-MTR Datasheet HTML 4Page - Rohm BU18SD2MG-MTR Datasheet HTML 5Page - Rohm BU18SD2MG-MTR Datasheet HTML 6Page - Rohm BU18SD2MG-MTR Datasheet HTML 7Page - Rohm BU18SD2MG-MTR Datasheet HTML 8Page - Rohm BU18SD2MG-MTR Datasheet HTML 9Page - Rohm BU18SD2MG-MTR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Datasheet
Datasheet
6/28
TSZ02201-0RBR0A300020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2013.03.19 Rev.002
www.rohm.com
TSZ22111・15・001
BUxxSD2-M series
●Reference data BU12SD2MG-M (Unless otherwise specified, Ta=25℃.)
0
10
20
30
40
50
60
70
80
90
100
-40
-20
0
20
40
60
80
100
Temperature Ta (℃)
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
Output Current IOUT (mA)
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
-40
-20
0
20
40
60
80
100
Temperature Ta (℃)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0
100
200
300
400
500
Output Current IOUT (mA)
Figure 7. Circuit Current vs. Output Current
Figure 8. OCP Threshold
Figure 9. Output Voltage vs. Temperature
Figure 10. Circuit Current vs. Temperature
VIN=3.5V
VSTBY=1.5V
Ta=25℃
VSTBY=1.5V
VIN=3.5V
VSTBY=1.5V
IOUT=0.1mA
VIN=3.5V
VSTBY=1.5V
IOUT=0.1mA
Ta=105℃
Ta=25℃
Ta=-40℃
VIN=6.0V
VIN=3.5V
VIN=3.0V


Numéro de pièce similaire - BU18SD2MG-MTR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU18SD5 ROHM-BU18SD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
BU18SD5WG-TL ROHM-BU18SD5WG-TL Datasheet
944Kb / 21P
   CMOS LDO Regulators
BU18SD5WG-TL ROHM-BU18SD5WG-TL Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU18SD5WG-TR ROHM-BU18SD5WG-TR Datasheet
944Kb / 21P
   CMOS LDO Regulators
More results

Description similaire - BU18SD2MG-MTR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com