Moteur de recherche de fiches techniques de composants électroniques |
|
7-1462039-0 Fiches technique(PDF) 6 Page - Tyco Electronics |
|
7-1462039-0 Fiches technique(HTML) 6 Page - Tyco Electronics |
6 / 6 page ± ± ± ± ± ± 1 PLC 0 PLC 2 PLC 3 PLC 4 PLC DIMENSIONS: TOLERANCES UNLESS OTHERWISE SPECIFIED: ANGLES WEIGHT APPLICATION SPEC PRODUCT SPEC OF MATERIAL FINISH DWN CHK APVD NAME SIZE CAGE CODE DRAWING NO SCALE SHEET REV LOC DIST REVISIONS P LTR DATE DWN APVD DESCRIPTION TE 10MAR2011 ProE A4 RESTRICTED TO SHOULD BE CONTACTED FOR THE LATEST REVISION. IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION DRAWING ALIAS TE Connectivity Relay-Typ Mark 1) Mark 2) PN (GR) PN (JR) PN (TS) PN (KS/NS) IMD01.. D01 3 1462044-1 1462044-5 IMD02.. D02 4.5 1462044-2 1462044-6 IMD03.. D03 5 1462044-3 1462044-7 IMD06.. D06 12 1462044-4 1462044-8 IME01.. E01 3 1462043-1 1462043-5 IME02.. E02 4.5 1462043-2 1462043-6 IME03.. E03 5 1462043-3 1462043-7 IME06.. E06 12 1462043-4 1462043-8 IMF61.. F61 3 1462048-3 IMF68.. F68 2.4 1-1462048-0 IMV03.. V03 5 1462045-3 IMV06.. V06 12 1462045-4 HJ - IM0C-DOK17 21FEB2003 HD 9121 - - mm 21FEB2003 HD 9121 21FEB2003 DIN 7168-m HD 9121 - - - IM-Relay - - Marking - - - 00779 1462037-1 - - CUSTOMER DRAWING 10:1 6 6 B12 See sheet 1 |
Numéro de pièce similaire - 7-1462039-0 |
|
Description similaire - 7-1462039-0 |