Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3-1462039-7 Fiches technique(PDF) 2 Page - Tyco Electronics

No de pièce 3-1462039-7
Description  IM-Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1462039-7 Fiches technique(HTML) 2 Page - Tyco Electronics

  3-1462039-7 Datasheet HTML 1Page - Tyco Electronics 3-1462039-7 Datasheet HTML 2Page - Tyco Electronics 3-1462039-7 Datasheet HTML 3Page - Tyco Electronics 3-1462039-7 Datasheet HTML 4Page - Tyco Electronics 3-1462039-7 Datasheet HTML 5Page - Tyco Electronics 3-1462039-7 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
±
±
±
±
±
±
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
ANGLES
WEIGHT
APPLICATION SPEC
PRODUCT SPEC
OF
MATERIAL
FINISH
DWN
CHK
APVD
NAME
SIZE
CAGE CODE DRAWING NO
SCALE
SHEET
REV
LOC
DIST
REVISIONS
P
LTR
DATE
DWN
APVD
DESCRIPTION
TE 10MAR2011 ProE
A4
RESTRICTED TO
SHOULD BE CONTACTED FOR THE LATEST REVISION.
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
DRAWING ALIAS
TE Connectivity
Relay-Typ
Mark 1)
Mark 2)
PN (GR)
PN (JR)
PN (TS)
PN (KS/NS)
IM02PNS
02P
4.5
5-1462039-8
IM03..
03
5
1-1462037-4
1-1462037-6
1-1462037-8
6-1462039-2
IM03..L
03
5
2-1462039-5
IM03C..
03C
5
1462038-2
4-1462039-7
IM03D..
03D
5
9-1462038-9
3-1462039-3
IM03NS
03N
5
1-1462038-3
IM03P..
03P
5
5-1462039-5
IM03PNS
03P
5
5-1462039-9
IM04..
04
6
4-1462037-2
4-1462037-4
4-1462037-1
IM04B..
04B
6
6-1462039-5
IM04NS
04N
6
1-1462038-4
IM05..
05
9
3-1462037-4
4-1462037-5
2-1462037-2
IM05B..
05B
9
5-1462039-3
IM05C..
05C
9
1462038-3
IM05D..
05D
9
1-1462039-7
IM05NS
05N
9
1-1462038-5
IM06..
06
12
2-1462037-3
4-1462037-6
2-1462037-7
IM06..L
06
12
5-1462039-1
4-1462039-0
IM06C..
06C
12
9-1462037-9
3-1462039-4
4-1462037-9
IM06D..
06D
12
1-1462039-8
7-1462039-0
3-1462039-8
IM06I..
06I
12
1462047-2
IM06NS
06N
12
1-1462038-6
IM06NSL
06N
12
4-1462039-9
IM06P..
06P
12
5-1462039-6
IM06PNS
06P
12
6-1462039-0
IM07..
07
24
4-1462037-7
4-1462037-8
3-1462037-0
IM07C..
07C
24
1462039-2
1462039-1
IM07D..
07D
24
3-1462039-7
7-1462039-4
IM07NS
07N
24
1-1462038-7
HJ
-
IM0C-DOK17
21FEB2003
HD 9121
-
-
mm
21FEB2003
HD 9121
21FEB2003
DIN 7168-m
HD 9121
-
-
-
IM-Relay
-
-
Marking
-
-
-
00779
1462037-1
-
-
CUSTOMER DRAWING
10:1
2
6
B12
See sheet 1


Numéro de pièce similaire - 3-1462039-7

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
3-1462039-7 MACOM-3-1462039-7 Datasheet
2Mb / 6P
   IM Relay
More results

Description similaire - 3-1462039-7

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
5-1462037-7 MACOM-5-1462037-7 Datasheet
2Mb / 6P
   IM Relay
logo
TE Connectivity Ltd
ENG_CD_1462037-1_C2 TEC-ENG_CD_1462037-1_C2 Datasheet
432Kb / 6P
   IM-Relay Marking
logo
Tyco Electronics
1486937 MACOM-1486937 Datasheet
23Kb / 1P
   IM Relay SMT Gull Wings Dimension
logo
PIC GmbH
MS-328-5 PIC-MS-328-5_14 Datasheet
233Kb / 2P
   Netzspannungs-Reedsensor im
MS-332-6 PIC-MS-332-6_14 Datasheet
344Kb / 2P
   Leistungs-Reedsensor im
MS-332-5 PIC-MS-332-5_14 Datasheet
343Kb / 2P
   Netzspannungs-Reedsensor im
logo
List of Unclassifed Man...
ADT-2593-MF-SMA-02 ETC2-ADT-2593-MF-SMA-02 Datasheet
45Kb / 1P
   Im-Series Adapters
logo
PIC GmbH
MS-313-3 PIC-MS-313-3 Datasheet
158Kb / 2P
   Weltkleinster Reedsensor im
MS-328-3 PIC-MS-328-3_14 Datasheet
233Kb / 2P
   Standard-Reedsensor im
MS-328-6 PIC-MS-328-6_14 Datasheet
233Kb / 2P
   Leistungs-Reedsensor im
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com