Moteur de recherche de fiches techniques de composants électroniques |
|
3-1419108-1 Fiches technique(PDF) 1 Page - Tyco Electronics |
|
3-1419108-1 Fiches technique(HTML) 1 Page - Tyco Electronics |
1 / 3 page 04-2011, Rev. 0411 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 1 Potter & Brumfield General Purpose Relays PCB Relays Power PCB Relay RT1 n 1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact n Sensitive coil 400mW n 5kV/10mm coil-contact, reinforced insulation n Ambient temperature 85°C Typical applications Boiler control, timers, garage door control, POS automation, interface modules Approvals VDE REG.-Nr. 6106, UL E214025, cCSAus 14385 Technical data of approved types on request Contact Data 12A 16A Contact arrangement 1 form C (CO) or 1 form A (NO) Rated voltage 250VAC Max. switching voltage 400VAC Rated current 12A 16A Limiting continuous current 12A 16A, UL: 20A Limiting making current max. 4s, duty factor 10% 25A 30A Breaking capacity max. 3000VA 4000VA Contact Material AgNi 90/10 Frequency of operation, with/without load 360/72000h-1 Operate/release time max., DC coil 8/6ms Bounce time max., DC coil, form A/form B 4/6ms Contact ratings Type Contact Load Cycles IEC 61810 RT314 DC-coil A (NO) 16A, 250VAC, cos φ=1, 85°C 30x103 RT314 DC-coil C (CO) 16A, 250VAC, cos φ=1, 85°C 10x103 RT314 DC-coil A (NO) 10A, 400VAC, cos φ=1, 85°C 150x103 RT114 DC-coil A (NO) 12A, 250VAC, cos φ=1, 85°C 50x103 RT114 AC-coil A (NO) 12A, 250VAC, cos φ=1, 70°C 100x103 UL 508 RT314 A/B (NO/NC) 20A, 250VAC, general purpose, 85°C 6x103 RT334 A (NO) 16A, 250VAC, gen. purpose, 85°C 50x103 RT314 A (NO) 1hp, 240VAC, 40°C 1x103 EN60947-5-1 RT314 DC-coil A/B (NO/NC) 2A, 24VDC, DC13 6.050 EN60730-1 RT314 DC-coil A (NO) 12(2)A, 250VAC, 85°C 100x103 Contact Data (continued) Contact ratings Type Load Cycles RT3, RTD 1 HP @ 480VAC* motor 6x103 RT3, RTD 1 HP @ 240VAC* motor 6x103 RT3, RTD 1/2 HP @ 120VAC* motor 6x103 RT3, RTD 60 LRA/10 FLA @ 250VAC* motor 30x103 RT3, RTD TV-5 @ 120VAC* Tungsten 25x103 RT3, RTD A300, 720VA @ 240VAC* Pilot Duty 30x103 RT3, RTD B300, 360VA @ 240VAC** Pilot Duty 30x103 *) form A (NO) contact only, **) form B (NC) contact only Mechanical endurance >30x106 operations Coil Data Coil voltage range 5 to 110VDC Operative range, IEC 61810 2 Coil insulation system according UL class F Coil versions, DC coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ω±10% mW 005 5 3.5 0.5 62 403 006 6 4.2 0.6 90 400 009 9 6.3 0.9 200 400 012 12 8.4 1.2 360 400 024 24 16.8 2.4 1440 400 048 48 33.6 4.8 5520 417 All figures are given for coil without pre-energization, at ambient temperature +23°C. Other coil voltages on request. b Z V |
Numéro de pièce similaire - 3-1419108-1 |
|
Description similaire - 3-1419108-1 |