Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA79M05 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce KA79M05
Description  3-Terminal 0.5A Negative Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA79M05 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  KA79M05 Datasheet HTML 1Page - Fairchild Semiconductor KA79M05 Datasheet HTML 2Page - Fairchild Semiconductor KA79M05 Datasheet HTML 3Page - Fairchild Semiconductor KA79M05 Datasheet HTML 4Page - Fairchild Semiconductor KA79M05 Datasheet HTML 5Page - Fairchild Semiconductor KA79M05 Datasheet HTML 6Page - Fairchild Semiconductor KA79M05 Datasheet HTML 7Page - Fairchild Semiconductor KA79M05 Datasheet HTML 8Page - Fairchild Semiconductor KA79M05 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
Features
• No external components required
• Output current in excess of 0.5A
• Internal thermal overload
• Internal short circuit current limiting
• Output transistor safe area compensation
• Output voltages of -5V,-6V,-8V, -12V,-15V,-18V,-24V
Description
The KA79MXX series of 3-Terminal medium current
negative voltage regulators are monolithic integrated circuits
designed as fixed voltage regulators. These regulators
employ internal current limiting, thermal shutdown and
safe area compensation making them essentially
indestructible.
TO-220
D-PAK
1. GND 2. Input 3. Output
1
1
Schematic Diagram
KA79MXX
3-Terminal 0.5A Negative Voltage Regulator


Numéro de pièce similaire - KA79M05

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA79M05 FAIRCHILD-KA79M05 Datasheet
127Kb / 12P
   3-Terminal 0.5A Negative Voltage Regulator
KA79M05R FAIRCHILD-KA79M05R Datasheet
127Kb / 12P
   3-Terminal 0.5A Negative Voltage Regulator
KA79M05RTF FAIRCHILD-KA79M05RTF Datasheet
130Kb / 8P
   3-Terminal 0.5A Negative Voltage Regulator
KA79M05RTM FAIRCHILD-KA79M05RTM Datasheet
130Kb / 8P
   3-Terminal 0.5A Negative Voltage Regulator
KA79M05TU FAIRCHILD-KA79M05TU Datasheet
130Kb / 8P
   3-Terminal 0.5A Negative Voltage Regulator
More results

Description similaire - KA79M05

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
LM79M05 FAIRCHILD-LM79M05_12 Datasheet
144Kb / 6P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_07 Datasheet
188Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
79DXX UTC-79DXX_V01 Datasheet
319Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79M05RTF FAIRCHILD-KA79M05RTF Datasheet
130Kb / 8P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_15 Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79MXX FAIRCHILD-MC79MXX Datasheet
69Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
logo
KODENSHI_AUK CORP.
SN79M05D KODENSHI-SN79M05D Datasheet
534Kb / 15P
   3 Terminal 0.5A Negative Voltage Regulator
logo
E-Tech Electronics LTD
79DXX ETL-79DXX Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM79MXX FAIRCHILD-LM79MXX Datasheet
231Kb / 5P
   3-Terminal 0.5A Negative Voltage Regulator
KA79MXX FAIRCHILD-KA79MXX_11 Datasheet
127Kb / 12P
   3-Terminal 0.5A Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com