Moteur de recherche de fiches techniques de composants électroniques |
|
74LVC1G08GX Fiches technique(PDF) 3 Page - NXP Semiconductors |
|
74LVC1G08GX Fiches technique(HTML) 3 Page - NXP Semiconductors |
3 / 19 page 74LVC1G08 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 10 — 29 June 2012 3 of 19 NXP Semiconductors 74LVC1G08 Single 2-input AND gate 6. Pinning information 6.1 Pinning 6.2 Pin description Fig 4. Pin configuration SOT353-1 and SOT753 Fig 5. Pin configuration SOT886 74LVC1G08 BVCC A GND Y 001aab638 1 2 3 5 4 74LVC1G08 A 001aab639 B GND n.c. VCC Y Transparent top view 2 3 1 5 4 6 Fig 6. Pin configuration SOT891, SOT1115 and SOT1202 Fig 7. Pin configuration SOT1226 (X2SON5) 74LVC1G08 A 001aae978 B GND n.c. VCC Y Transparent top view 2 3 1 5 4 6 B VCC GND 1 3 2 5 4 A Y aaa-003023 Transparent top view 74LVC1G08 Table 3. Pin description Symbol Pin Description TSSOP5 and X2SON5 XSON6 B 1 1 data input A 2 2 data input GND 3 3 ground (0 V) Y 4 4 data output n.c. - 5 not connected VCC 5 6 supply voltage |
Numéro de pièce similaire - 74LVC1G08GX |
|
Description similaire - 74LVC1G08GX |