Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA5L0365RYDTU Fiches technique(PDF) 11 Page - Fairchild Semiconductor

No de pièce KA5L0365RYDTU
Description  Fairchild Power Switch(FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5L0365RYDTU Fiches technique(HTML) 11 Page - Fairchild Semiconductor

Back Button KA5L0365RYDTU Datasheet HTML 7Page - Fairchild Semiconductor KA5L0365RYDTU Datasheet HTML 8Page - Fairchild Semiconductor KA5L0365RYDTU Datasheet HTML 9Page - Fairchild Semiconductor KA5L0365RYDTU Datasheet HTML 10Page - Fairchild Semiconductor KA5L0365RYDTU Datasheet HTML 11Page - Fairchild Semiconductor KA5L0365RYDTU Datasheet HTML 12Page - Fairchild Semiconductor KA5L0365RYDTU Datasheet HTML 13Page - Fairchild Semiconductor KA5L0365RYDTU Datasheet HTML 14Page - Fairchild Semiconductor KA5L0365RYDTU Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
KA5X03XX-SERIES
11
Typical Performance Characteristics(SenseFET part) (Continued)
(KA5M0365RN, KA5L0365RN)
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom : 5.5 V
※ Note :
1. 250μ s Pulse Test
2. T
C
= 25℃
V
DS
, Drain-Source Voltage [V]
24
68
10
10
-1
10
0
10
1
※ Note
1. V
DS
= 50V
2. 250μ s Pulse Test
-55℃
150℃
25℃
V
GS
, Gate-Source Voltage [V]
01234
567
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
V
GS
= 20V
V
GS
= 10V
※ Note : T
J
= 25℃
I
D
, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
25℃
150℃
※ Note :
1. V
GS
= 0V
2. 250μ s Pulse Test
V
SD
, Source-Drain Voltage [V]
10
-1
10
0
10
1
100
200
300
400
500
600
700
C
iss
= C
gs
+ C
gd
(C
ds
= shorted)
C
oss
= C
ds
+ C
gd
C
rss
= C
gd
※ Note ;
1. V
GS
= 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS
, Drain-Source Voltage [V]
02
4
6
8
10
12
0
2
4
6
8
10
12
V
DS
= 325V
V
DS
= 130V
V
DS
= 520V
※ Note : I
D
= 3.0 A
Q
G
, Total Gate Charge [nC]
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance vs. Drain Current
Figure 4. Source-Drain Diode Forward Voltage
Figure 5. Capacitance vs. Drain-Source Voltage
Figure 6. Gate Charge vs. Gate-Source Voltage


Numéro de pièce similaire - KA5L0365RYDTU

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA5L0365RYDTU FAIRCHILD-KA5L0365RYDTU Datasheet
654Kb / 14P
   Fairchild Power Switch(FPS)
More results

Description similaire - KA5L0365RYDTU

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com