Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA431S Fiches technique(PDF) 11 Page - Fairchild Semiconductor

No de pièce KA431S
Description  Programmable Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA431S Fiches technique(HTML) 11 Page - Fairchild Semiconductor

Back Button KA431S Datasheet HTML 4Page - Fairchild Semiconductor KA431S Datasheet HTML 5Page - Fairchild Semiconductor KA431S Datasheet HTML 6Page - Fairchild Semiconductor KA431S Datasheet HTML 7Page - Fairchild Semiconductor KA431S Datasheet HTML 8Page - Fairchild Semiconductor KA431S Datasheet HTML 9Page - Fairchild Semiconductor KA431S Datasheet HTML 10Page - Fairchild Semiconductor KA431S Datasheet HTML 11Page - Fairchild Semiconductor KA431S Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
KA431/KA431A/KA431L
11
Ordering Information
Product Number
Output Voltage Tolerance
Package
Operating Temperature
KA431LZ
0.5%
TO-92
-25 ~ +85
°C
KA431LD
8-SOP
KA431AZ
1%
TO-92
KA431AD
8-SOP
KA431
2%
8-DIP
KA431Z
TO-92
KA431D
8-SOP


Numéro de pièce similaire - KA431S

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA431S FAIRCHILD-KA431S Datasheet
106Kb / 10P
   Programmable Shunt Regulator
KA431S FAIRCHILD-KA431S Datasheet
110Kb / 10P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
KA431SA FAIRCHILD-KA431SA Datasheet
106Kb / 10P
   Programmable Shunt Regulator
KA431SA FAIRCHILD-KA431SA Datasheet
110Kb / 10P
   Programmable Shunt Regulator
More results

Description similaire - KA431S

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com