Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA5M0765RQC-YDTU Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce KA5M0765RQC-YDTU
Description  Fairchild Power Switch(SPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5M0765RQC-YDTU Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  KA5M0765RQC-YDTU Datasheet HTML 1Page - Fairchild Semiconductor KA5M0765RQC-YDTU Datasheet HTML 2Page - Fairchild Semiconductor KA5M0765RQC-YDTU Datasheet HTML 3Page - Fairchild Semiconductor KA5M0765RQC-YDTU Datasheet HTML 4Page - Fairchild Semiconductor KA5M0765RQC-YDTU Datasheet HTML 5Page - Fairchild Semiconductor KA5M0765RQC-YDTU Datasheet HTML 6Page - Fairchild Semiconductor KA5M0765RQC-YDTU Datasheet HTML 7Page - Fairchild Semiconductor KA5M0765RQC-YDTU Datasheet HTML 8Page - Fairchild Semiconductor KA5M0765RQC-YDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
KA5M0765RQC
5
Typical Performance Characteristics (SFET part)
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom : 5.5 V
Note :
1. 250µ s Pulse Test
2. T
C = 25℃
V
DS, Drain-Source Voltage [V]
24
68
10
10
-1
10
0
10
1
150℃
25℃
-55℃
Notes :
1. V
DS = 50V
2. 250µ s Pulse Test
V
GS, Gate-Source Voltage [V]
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
0
3
6
9
12
15
18
1.0
1.5
2.0
2.5
3.0
V
GS =20V
V
GS =10V
I
D , Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
-1
10
0
10
1
150℃
Notes :
1. V
GS = 0V
2. 250µs PulseTest
25℃
V
SD, Source-Drain voltage [V]
10
-1
10
0
10
1
0
500
1000
1500
2000
2500
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Note ;
1. V
GS = 0 V
2. f = 1MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
5
10
15
20
25
30
35
40
45
0
2
4
6
8
10
12
V
DS = 325V
V
DS = 130V
V
DS = 520V
Note : I
D = 6.5 A
Q
G, Total Gate Charge [nC]
Figure 6. Gate Charge vs. Gate-Source Voltage
Figure 5. Capacitance vs. Drain-Source Voltage
Figure 3. On-Resistance vs. Drain Curren t
Figure 4. Source-Drain Diode Forward Voltage


Numéro de pièce similaire - KA5M0765RQC-YDTU

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA5M0765RC FAIRCHILD-KA5M0765RC Datasheet
237Kb / 10P
   KA5M0765RC
More results

Description similaire - KA5M0765RQC-YDTU

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA1L0380B FAIRCHILD-KA1L0380B Datasheet
75Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC FAIRCHILD-FS6S0965RC Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0880B FAIRCHILD-KA2S0880B Datasheet
85Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0765R FAIRCHILD-KA3S0765R Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
KA2S1265 FAIRCHILD-KA2S1265 Datasheet
86Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0880RB FAIRCHILD-KA3S0880RB Datasheet
100Kb / 14P
   Fairchild Power Switch(SPS)
KA5M0965Q FAIRCHILD-KA5M0965Q Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
KA2S0965 FAIRCHILD-KA2S0965 Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965R FAIRCHILD-FS6S0965R Datasheet
193Kb / 16P
   Power Switch(SPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com