Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD18IA5WEFJ Fiches technique(PDF) 5 Page - Rohm

No de pièce BD18IA5WEFJ
Description  500mA Variable Fixed Output LDO Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD18IA5WEFJ Fiches technique(HTML) 5 Page - Rohm

  BD18IA5WEFJ Datasheet HTML 1Page - Rohm BD18IA5WEFJ Datasheet HTML 2Page - Rohm BD18IA5WEFJ Datasheet HTML 3Page - Rohm BD18IA5WEFJ Datasheet HTML 4Page - Rohm BD18IA5WEFJ Datasheet HTML 5Page - Rohm BD18IA5WEFJ Datasheet HTML 6Page - Rohm BD18IA5WEFJ Datasheet HTML 7Page - Rohm BD18IA5WEFJ Datasheet HTML 8Page - Rohm BD18IA5WEFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5/19
BDxxIA5WEFJ
Datasheet
TSZ02201-0R6R0A600440-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Dec.2012 Rev.002
●Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Power supply voltage
VCC
7.0
*1
V
EN voltage
VEN
7.0
V
Power dissipation
HTSOP-J8
Pd
*2
2110
*2
mW
Operating Temperature Range
Topr
-25 to +85
Storage Temperature Range
Tstg
-55 to +150
Junction Temperature
Tjmax
+150
*1
Not to exceed Pd
*2
Reduced by 16.9mW/℃ for each increase in Ta of 1℃ over 25℃. (when mounted on a board 70mm×70mm×1.6mm glass-epoxy board, two layer)
Recommended Operating Ratings (Ta=25℃)
Ratings
Parameter
Symbol
Min.
Max.
Unit
Input power supply voltage
VCC
2.4
5.5
V
EN voltage
VEN
0.0
5.5
V
Output voltage setting range
VO
0.8
4.5
V
Output current
IO
0.0
0.5
A
Electrical Characteristics (Unless otherwise noted, Ta=25℃, EN=3V, VCC=3.3V, R1=16kΩ, R2=7.5kΩ)
Limits
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Circuit current at shutdown mode
ISD
-
0
5
µA
VEN=0V, OFF mode
Bias current
ICC
-
250
500
µA
Line regulation
Reg.I
-1
-
1
%
VCC =( VO+0.6V )→5.5V
Load regulation
Reg IO
-1.5
-
1.5
%
IO=0→0.5A
Minimum dropout voltage1
VCO1
-
0.1
0.15
V
VCC =3.3V, IO =125mA
Minimum dropout voltage2
VCO2
-
0.2
0.30
V
VCC =3.3V, IO =250mA
Minimum dropout voltage3
VCO3
-
0.3
0.45
V
VCC =3.3V, IO =375mA
Minimum dropout voltage4
VCO4
-
0.4
0.60
V
VCC =3.3V, IO =500mA
Output reference voltage(Variable type)
VFB
0.792
0.800
0.808
V
IO=0A
Output voltage(Fixed type)
VO
Vo×0.99
Vo
Vo×1.01
V
IO=0A
EN Low voltage
VEN _Low
0
-
0.8
V
EN High voltage
VEN _High
2.4
-
5.5
V
EN Bias current
IEN
1
3
9
µA


Numéro de pièce similaire - BD18IA5WEFJ

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD18IA5MEFJ-LB ROHM-BD18IA5MEFJ-LB Datasheet
774Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD18IA5MEFJ-LBH2 ROHM-BD18IA5MEFJ-LBH2 Datasheet
774Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD18IA5MEFJ-ME2 ROHM-BD18IA5MEFJ-ME2 Datasheet
949Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BD18IA5VEFJ-ME2 ROHM-BD18IA5VEFJ-ME2 Datasheet
949Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

Description similaire - BD18IA5WEFJ

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00HA5WEFJ ROHM-BD00HA5WEFJ_13 Datasheet
507Kb / 22P
   500mA Variable Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com