Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA3084 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce KA3084
Description  Bi-Directional DC Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3084 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  KA3084 Datasheet HTML 1Page - Fairchild Semiconductor KA3084 Datasheet HTML 2Page - Fairchild Semiconductor KA3084 Datasheet HTML 3Page - Fairchild Semiconductor KA3084 Datasheet HTML 4Page - Fairchild Semiconductor KA3084 Datasheet HTML 5Page - Fairchild Semiconductor KA3084 Datasheet HTML 6Page - Fairchild Semiconductor KA3084 Datasheet HTML 7Page - Fairchild Semiconductor KA3084 Datasheet HTML 8Page - Fairchild Semiconductor KA3084 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
KA3084D
5
Equivalent Circuits (Continued)
Description
Pin No.
Internal circuit
PG, FG
amplifier
16, 17
19, 21
PG, FG
hysteresis
amplifier
3, 5, 6, 8
17
19
16
21
50
VCC
VREG
V25
1k
50
VCC
16
21
15
22
50
V25
VCC
VREG
VCC
50
VREG
10K


Numéro de pièce similaire - KA3084

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
KA3080BD FAIRCHILD-KA3080BD Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
KA3080BD3 FAIRCHILD-KA3080BD3 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
KA3080BD3TF FAIRCHILD-KA3080BD3TF Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
KA3080BDTF FAIRCHILD-KA3080BDTF Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
More results

Description similaire - KA3084

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN8082 FAIRCHILD-FAN8082 Datasheet
90Kb / 12P
   Bi-directional DC Motor Driver
KA3082 FAIRCHILD-KA3082 Datasheet
109Kb / 12P
   Bi-Directional DC Motor Driver
logo
Interpion semiconductor
IP8082BL INTERPION-IP8082BL Datasheet
186Kb / 7P
   Bi-directional DC Motor Driver
JAN 2007
logo
Fairchild Semiconductor
KA8301L FAIRCHILD-KA8301L Datasheet
399Kb / 12P
   Bi-Directional DC Motor Driver
KA8301 FAIRCHILD-KA8301 Datasheet
393Kb / 13P
   Bi-Directional DC Motor Driver
FAN8082D FAIRCHILD-FAN8082D Datasheet
95Kb / 12P
   Bi-directional DC Motor Driver
logo
Elite Enterprises (H.K....
EMD811 ELITE-EMD811 Datasheet
98Kb / 3P
   BI-DIRECTIONAL DC MOTOR DRIVER
logo
List of Unclassifed Man...
AT5608 ETC-AT5608 Datasheet
206Kb / 7P
   Bi-directional Motor Driver
logo
Aimtron Technology
AT5609 AIMTRON-AT5609 Datasheet
174Kb / 5P
   Bi-directional Motor Driver
logo
Mitsubishi Electric Sem...
M54542L MITSUBISHI-M54542L Datasheet
149Kb / 3P
   BI-DIRECTIONAL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com