Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA3012D Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce KA3012D
Description  4-Channel Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3012D Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button KA3012D Datasheet HTML 5Page - Fairchild Semiconductor KA3012D Datasheet HTML 6Page - Fairchild Semiconductor KA3012D Datasheet HTML 7Page - Fairchild Semiconductor KA3012D Datasheet HTML 8Page - Fairchild Semiconductor KA3012D Datasheet HTML 9Page - Fairchild Semiconductor KA3012D Datasheet HTML 10Page - Fairchild Semiconductor KA3012D Datasheet HTML 11Page - Fairchild Semiconductor KA3012D Datasheet HTML 12Page - Fairchild Semiconductor KA3012D Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
KA3012D
10
Typical Performance Characteristics
VCC vs ICC (No load)
AMP-I (+) vs OUTPUT VOLTAGE
Figures can be obtained by changing of AMP-I (+) from 0V to 5V, shows the voltage difference between CH-O and CH-O.
(AMP-I (+) and AMP-O are shorted.)
VCC vs Gain
0
2
4
6
8
10
12
14
02
4
6
8
10
12
14
16
VCC (V)
01
2
4
5
3
AMP-I (+)(V)
AMP-I (+)(V)
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
0
12345
1. CH 1 and CH 4 (12dB)
2. CH 2 and CH 3 (18dB)
-5
-4
-3
-2
-1
0
1
2
3
4
5
V CC (V)
V CC (V)
9
10
11
12
13
14
15
4
56
7
8
9
011
12
13
14
4
56
7
8
9
011
12
13
14
15
16
17
18
19
20
21
1. CH 1 and CH 4 (12dB)
2. CH 2 and CH 3 (18dB)


Numéro de pièce similaire - KA3012D

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
KA3011 FAIRCHILD-KA3011 Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3011BDTF FAIRCHILD-KA3011BDTF Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
More results

Description similaire - KA3012D

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
D5954 ETC1-D5954 Datasheet
419Kb / 6P
   4 CHANNEL DRIVER MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8024ED FAIRCHILD-FAN8024ED Datasheet
187Kb / 12P
   4-Channel Motor Driver
FAN8024BD FAIRCHILD-FAN8024BD Datasheet
160Kb / 10P
   4-Channel Motor Driver
FAN8040 FAIRCHILD-FAN8040 Datasheet
514Kb / 17P
   4-Channel Motor Driver
KA3021D FAIRCHILD-KA3021D Datasheet
194Kb / 12P
   4-Channel Motor Driver
FAN8024CD FAIRCHILD-FAN8024CD Datasheet
179Kb / 12P
   4-Channel Motor Driver
KA3022D FAIRCHILD-KA3022D Datasheet
199Kb / 12P
   4-Channel Motor Driver
KA3027D2 FAIRCHILD-KA3027D2 Datasheet
282Kb / 14P
   4-Channel Motor Driver
FAN8024D FAIRCHILD-FAN8024D Datasheet
192Kb / 11P
   4-Channel Motor Driver
logo
Mitsubishi Electric Sem...
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com