Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA3011BDTF Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce KA3011BDTF
Description  3-Phase BLDC Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3011BDTF Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button KA3011BDTF Datasheet HTML 2Page - Fairchild Semiconductor KA3011BDTF Datasheet HTML 3Page - Fairchild Semiconductor KA3011BDTF Datasheet HTML 4Page - Fairchild Semiconductor KA3011BDTF Datasheet HTML 5Page - Fairchild Semiconductor KA3011BDTF Datasheet HTML 6Page - Fairchild Semiconductor KA3011BDTF Datasheet HTML 7Page - Fairchild Semiconductor KA3011BDTF Datasheet HTML 8Page - Fairchild Semiconductor KA3011BDTF Datasheet HTML 9Page - Fairchild Semiconductor KA3011BDTF Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
KA3011BD
6
Electrical Characteristics
(Unless otherwise specified, Ta=25
°C, VCC=5V, VM=12V)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Quiescent circuit current
ICC
–2
5
8
mA
START / STOP
On voltage range
VSSon
Output drive on
2.5
-
VCC
V
Off voltage range
VSSoff
Output driver off
0.0
-
1.0
V
HALL BIAS
Hall bias voltage
VHB
IHB=20mA
0.4
1.0
1.8
V
HALL AMP
Hall bias current
IHA
–-
0.5
2
µA
Common mode input range
VHAR
1.5
-
4.0
V
Minimum input level
VINH
100
-
-
mVpp
TORQUE CONTROL
ECR input voltage range
ECR
0.2
-
4.0
V
EC input voltage range
EC
0.2
-
4.0
V
Offset voltage (–)
ECoff–
EC=2.5V
−80
−50
−20
mV
Offset voltage (+)
ECoff+
EC=2.5V
20
50
80
mV
EC input current
ECin
EC=2.5V
−50.5
5
µA
ECR input current
ECRin
ECR=2.5V
−50.5
5
µA
In/output gain
GEC
ECR=2.5V, RCS=0.5
0.41
0.51
0.61
A / V
FG
FG output voltage (H)
VFGh
IFG= –10
µA3.0
-
VCC
V
FG output voltage (L)
VFGl
IFG=10
µA-
-
0.5
V
Input voltage range
-
50
-
%
OUTPUT BLOCK
Saturation voltage (upper TR)
VOh
IO= –300mA
-
0.9
1.6
V
Saturation voltage (lower TR)
VOl
IO=300mA
-
0.2
0.6
V
Torque limit current
ITL
RCS=0.5
560
700
840
mA
DIRECTION DETECTOR
Dir output voltage (H)
VDIRh
IFG=–10
µA3.0
-
VCC
V
Dir output voltage (L)
VDIRl
IFG=10
µA-
-
0.5
V
FG SELECTION
3X frequency selection
VFG3X
FGS > 2.5V
2.5
-
VCC
V
1X frequency selection
VFG1X
FGS < 1.0V
-
-
1.0
V
SHORT BRAKE
On voltage range
VSBon
-2.5
-
VCC
V
Off voltage range
VSBoff
-0
-
1.0
V


Numéro de pièce similaire - KA3011BDTF

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
KA3012D FAIRCHILD-KA3012D Datasheet
238Kb / 13P
   4-Channel Motor Driver
KA3012D-02 FAIRCHILD-KA3012D-02 Datasheet
238Kb / 13P
   4-Channel Motor Driver
KA3012D-02TF FAIRCHILD-KA3012D-02TF Datasheet
238Kb / 13P
   4-Channel Motor Driver
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
More results

Description similaire - KA3011BDTF

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
   3 phase BLDC Motor Driver IC
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
   3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
   3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
   3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
   3-Phase BLDC Motor Driver with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com