Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA2822BDTF Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce KA2822BDTF
Description  3-Phase BLDC Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2822BDTF Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button KA2822BDTF Datasheet HTML 4Page - Fairchild Semiconductor KA2822BDTF Datasheet HTML 5Page - Fairchild Semiconductor KA2822BDTF Datasheet HTML 6Page - Fairchild Semiconductor KA2822BDTF Datasheet HTML 7Page - Fairchild Semiconductor KA2822BDTF Datasheet HTML 8Page - Fairchild Semiconductor KA2822BDTF Datasheet HTML 9Page - Fairchild Semiconductor KA2822BDTF Datasheet HTML 10Page - Fairchild Semiconductor KA2822BDTF Datasheet HTML 11Page - Fairchild Semiconductor KA2822BDTF Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
KA2822D
8
Absolute Maximum Rating (Ta=25
°C)
Power Dissipation Curve
Power dissipation decreases in the rate of 13.5mV /
°C when mounted on 50mm × 50mm × 1mm PCB (Phenolic resin mate-
rial) and used above Ta=25
°C.
Recommended Operating Conditions (Ta=25
°C)
Temperature Characteristic
NOTE:
Reference value
Parameter
Symbol
Value
Unit
Maximum power supply voltageVCCMAX
7.0
V
Maximum input voltageVINMAX
0 ~ VCC
V
Maximum output current
IOMAX
1A
Normal output current
IO
0.7
A
Power dissipation
PD
1.5
W
Operating temperature
TA
0 ~ 75
°C
Junction temperture
TJ
150
°C
Storage temperature
TSTG
−55 ~ +125
°C
Parameter
Symbol
Min.
Typ.
Max
Unit
Supply voltageVCC1, VCC2
10.8
12.0
13.2
V
Supply voltage in logic part
VCC3
4.5
5.0
5.5
V
Ambient operating temperature rangeTa
0
-
+70
°C
Parameter
Symbol
Min.
Typ.
Max
Unit
Thermal shutdown temperature note
TSD
125
150
-
°C
0
0
25
50
75
100
125
Ambient temperature, Ta [
°C]
150
175
0.5
1.0
1.5
2.0
Power
Dissipation
: PD[W]


Numéro de pièce similaire - KA2822BDTF

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA2822CDTF FAIRCHILD-KA2822CDTF Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
More results

Description similaire - KA2822BDTF

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
   3 phase BLDC Motor Driver IC
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
   3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
   3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
   3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
   3-Phase BLDC Motor Driver with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com