Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EZJZRV270EAM Fiches technique(PDF) 4 Page - Panasonic Semiconductor

No de pièce EZJZRV270EAM
Description  Multilayer Varistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZRV270EAM Fiches technique(HTML) 4 Page - Panasonic Semiconductor

  EZJZRV270EAM Datasheet HTML 1Page - Panasonic Semiconductor EZJZRV270EAM Datasheet HTML 2Page - Panasonic Semiconductor EZJZRV270EAM Datasheet HTML 3Page - Panasonic Semiconductor EZJZRV270EAM Datasheet HTML 4Page - Panasonic Semiconductor EZJZRV270EAM Datasheet HTML 5Page - Panasonic Semiconductor EZJZRV270EAM Datasheet HTML 6Page - Panasonic Semiconductor EZJZRV270EAM Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Multilayer Varistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
n Recommended Applications
PC mother board
Photoelectric sensor
HDD
Proximity sensor
CD-ROM
Pressure switch
DSC
Flowmeter
Cellular teleptone, PHS
SSR
PDA
motor
Series
Series
EZJZ
Series
EZJS
Recommended Applications
DC to some tens of GHz
Power, Relay. signal line
High frequency circuit (USB,IEEE1394,etc)
DC to some tens of GHz
Power, Relay. signal line
High frequency circuit (RC232C,etc)
DC to some hunderds of kHz
Power, Relay. Audio signal
Ultra low capacitance
(3 pF max.)
Low capacitance
(20 to 330 pF)
High capacitance
(1800 to 22000 pF)
DC 1k 1M 1G(Hz)
Applications Examples
n Equivalent and Impules suppression
Inpules wave form
Clamped wave form
Capacitance
C:100pF
(EZJZ1V270GA)
C:0.022 F
(EZJS2VB223)
Varistor
Series EZJZ
(Zn0:Zinc Oxide)
Series EZJS
(ST:Strontium Titanate)
n Typical circuits requiring protection
l USB Interface Circuit
Vcc
D+
D-
GDN
USB
Controller
Power
IC
z1
z3
z1
z1
z1
Controller
Vcc
D
®
D-
GDN
Controller
Power
Supply
IEEE1394
Controller
Power
IC
z1
z1
z1
z1, 2
z1
Controller
TPA+
TPA-
TPB+
TPB-
z3
z3
z3
3
1,2
DC Power Line
Signal Line
I/O Port
Audio Signal
Motor
Electromagnetic valve (Solenoid)
3
Z1 : EZJZ Series(EZJZ@V171AA)
Z2 : EZJZ Series
Z3 : EZJZ Series or EZJS Series
l IC Protection
l IEEE1394 Interface Circuit
l Motor or Electromagnetic surge absorption


Numéro de pièce similaire - EZJZRV270EAM

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
EZJZ PANASONIC-EZJZ Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
EZJZ0V120JA PANASONIC-EZJZ0V120JA Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
EZJZ0V120JA PANASONIC-EZJZ0V120JA Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZ0V120JA PANASONIC-EZJZ0V120JA Datasheet
6Mb / 67P
   Service Manual
2014
EZJZ0V171AA PANASONIC-EZJZ0V171AA Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
More results

Description similaire - EZJZRV270EAM

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJZ0V80010 PANASONIC-EZJZ0V80010_17 Datasheet
172Kb / 8P
   Multilayer Varistors
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
   Multilayer Varistors
logo
UN Semiconducctor INC
ESD0402-0603 UNSEMI-ESD0402-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN1206-XXXH UNSEMI-UN1206-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0201-0603 UNSEMI-UN0201-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
ESD0402M-0603M UNSEMI-ESD0402M-0603M Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN3220-XXXH UNSEMI-UN3220-XXXH Datasheet
4Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0402E-0603E UNSEMI-UN0402E-0603E Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0805-XXXH UNSEMI-UN0805-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com