Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EZJZSV270EAM Fiches technique(PDF) 7 Page - Panasonic Semiconductor

No de pièce EZJZSV270EAM
Description  Multilayer Varistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZSV270EAM Fiches technique(HTML) 7 Page - Panasonic Semiconductor

  EZJZSV270EAM Datasheet HTML 1Page - Panasonic Semiconductor EZJZSV270EAM Datasheet HTML 2Page - Panasonic Semiconductor EZJZSV270EAM Datasheet HTML 3Page - Panasonic Semiconductor EZJZSV270EAM Datasheet HTML 4Page - Panasonic Semiconductor EZJZSV270EAM Datasheet HTML 5Page - Panasonic Semiconductor EZJZSV270EAM Datasheet HTML 6Page - Panasonic Semiconductor EZJZSV270EAM Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Multilayer Varistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Leader part
l Reel
-
+
,
)
9
9
100 min.
Vacant position
400 min.
Unit : mm
n Packaging Specifications
l Standard Packing Quantity
Series
Size Code (EIA)
Thickness
Paper taping
Embossed taping
0201
0.3 mm
Pitch: 2 mm 15,000 pcs./reel
Ñ
0402
0.5 mm
Pitch: 2 mm 10,000 pcs./reel
Ñ
EZJZ
0603
0.8 mm
Pitch: 4 mm 14,000 pcs./reel
Ñ
2 Array Type
0.6 mm
Pitch: 4 mm 14,000 pcs./reel
Ñ
4 Array Type
0.85 mm
Pitch: 4 mm 14,000 pcs./reel
Ñ
0603
0.8 mm
Pitch: 4 mm 14,000 pcs./reel
Ñ
EZJS
0805
0.8 mm
Pitch: 4 mm 15,000 pcs./reel
Ñ
1.25 mm
Ñ
Pitch: 4 mm 2,000 pcs./reel
t1
t2
Feeding hole
Chip pocket
Chip component
Tape running direction
P1
P2
P0
A
BD0
l Embossed Taping
P1: 4mm
t2
Chip component
Feeding hole
Chip pocket
BD0
P1
P2
P0
Tape running direction
A
t1
l Leader Part and Taped End
Tape end
160 min.
Vacant position
Chip component
Feeding hole
Chip pocket
Tape running direction
t1
P1 P2
P0
t2
BD0
A
l Paper Taping
P1: 2mm
AB
W
F
E
P1 P2 P0 fDt1
t2
0805
1.55 2.35 8.0 3.50 1.75 4.0 2.00 4.0 1.5 0.6 1.5
±0.20 ±0.20 ±0.2 ±0.05 ±0.10 ±0.1 ±0.05 ±0.1 +0.1 max. max.
0
Size Code
Symbol
(Unit: mm)
AB
W
F
E
P1 P2 P0 fDt1
t2
0201
0.37 0.67
0.5 0.8
±0.03 ±0.03 8.0 3.501.752.002.00 4.0 1.5 max. max.
±0.2 ±0.05 ±0.10 ±0.05 ±0.05 ±0.05 +0.1
0402
0.62 1.12
0
0.7 1.0
±0.05 ±0.05
max. max.
Size Code
Symbol
(Unit: mm)
AB
W
F
E
P1 P2 P0 fDt1
t2
8.0 3.50 1.75 4.0 2.00 4.0 1.5 1.1 1.4
±0.2 ±0.05 ±0.10 ±0.1 ±0.05 ±0.1 +0.1 max. max.
0
Size Code
Symbol
0603
0805
4 Array Type
0504
2 Array Type
1.18
±0.10
1.65
±0.2
1.63
±0.10
2.4
±0.2
(Unit: mm)
Symbol
A
B
C
D
E
W1
W2
Dim.
f180
f60.0±0.5 13.0±0.5 21.0±0.8 2.0±0.5 9.0±0.3 11.4±1.00
(mm)
0
Ð1
1.0
±0.1
1.8
±0.1


Numéro de pièce similaire - EZJZSV270EAM

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
EZJZ PANASONIC-EZJZ Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
EZJZ0V120JA PANASONIC-EZJZ0V120JA Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
EZJZ0V120JA PANASONIC-EZJZ0V120JA Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZ0V120JA PANASONIC-EZJZ0V120JA Datasheet
6Mb / 67P
   Service Manual
2014
EZJZ0V171AA PANASONIC-EZJZ0V171AA Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
More results

Description similaire - EZJZSV270EAM

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJZ0V80010 PANASONIC-EZJZ0V80010_17 Datasheet
172Kb / 8P
   Multilayer Varistors
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
   Multilayer Varistors
logo
UN Semiconducctor INC
ESD0402-0603 UNSEMI-ESD0402-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN1206-XXXH UNSEMI-UN1206-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0201-0603 UNSEMI-UN0201-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
ESD0402M-0603M UNSEMI-ESD0402M-0603M Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN3220-XXXH UNSEMI-UN3220-XXXH Datasheet
4Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0402E-0603E UNSEMI-UN0402E-0603E Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0805-XXXH UNSEMI-UN0805-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com