Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA25JC5 Fiches technique(PDF) 11 Page - Rohm

No de pièce BA25JC5
Description  1.5A Variable/Fixed Output LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA25JC5 Fiches technique(HTML) 11 Page - Rohm

Back Button BA25JC5 Datasheet HTML 7Page - Rohm BA25JC5 Datasheet HTML 8Page - Rohm BA25JC5 Datasheet HTML 9Page - Rohm BA25JC5 Datasheet HTML 10Page - Rohm BA25JC5 Datasheet HTML 11Page - Rohm BA25JC5 Datasheet HTML 12Page - Rohm BA25JC5 Datasheet HTML 13Page - Rohm BA25JC5 Datasheet HTML 14Page - Rohm BA25JC5 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11/13
BAxxJC5 Series(Fixed)
BA00JC5WT(Variable)
Datasheet
TSZ02201-0R6R0A600140-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
14.Feb.2012 Rev.001
VCC
Output pin
Back current prevention diode
Bypass Diode
Parasitic element
Fig.21 Bypass Diode
Fig.22 Example of Simple Bipolar IC Architecture
Status of this document
The Japanese version of this document is formal specification. A customer may use this translation version only for a reference
to help reading the formal version.
If there are any differences in translation version of this document formal version takes priority.
(Pin A)
GND
Parasitic element
GND
(Pin B)
B
C
E
Parasitic elements or
transistors
GND
P 基板
N
P
N
N
P
P
(端子 A)
抵抗
GND
N
P
P
(端子 B)
トランジスタ(NPN)
B
N
E
C
GND
P 基板
寄生素子
Transistor (NPN)
Resistor
(Pin A)
P substrate
Parasitic element
(Pin B)
N
P
N
P substrate
N


Numéro de pièce similaire - BA25JC5

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA25JC5T ROHM-BA25JC5T Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BA25JC5T ROHM-BA25JC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
BA25JC5WT ROHM-BA25JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
More results

Description similaire - BA25JC5

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com