Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMA221 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce KMA221
Description  Programmable angle sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA221 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button KMA221 Datasheet HTML 3Page - NXP Semiconductors KMA221 Datasheet HTML 4Page - NXP Semiconductors KMA221 Datasheet HTML 5Page - NXP Semiconductors KMA221 Datasheet HTML 6Page - NXP Semiconductors KMA221 Datasheet HTML 7Page - NXP Semiconductors KMA221 Datasheet HTML 8Page - NXP Semiconductors KMA221 Datasheet HTML 9Page - NXP Semiconductors KMA221 Datasheet HTML 10Page - NXP Semiconductors KMA221 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
KMA221
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 16 July 2013
7 of 36
NXP Semiconductors
KMA221
Programmable angle sensor
Table 4 describes the power-loss behavior and gives the resulting output voltage
depending on the interrupted supply or ground line and the load resistance.
7.4 Broken bond wire detection
The broken bond wire detection circuit enables the detection of an interrupted supply or
ground line of the MR sensor bridge. If there is a broken bond wire, the device goes into
diagnostic mode and a status bit is set.
7.5 Low supply voltage detection and overvoltage protection
If the supply voltage is below the switch-off threshold voltage, a status bit is set and the
device goes into diagnostic mode. If the supply voltage is above the overvoltage switch-on
threshold voltage, the device enters diagnostic mode. Table 5 describes the system
behavior depending on the voltage range of the supply voltage.
Fig 4.
Equivalent output circuit in a power-loss condition
Table 4.
Power-loss behavior
Load resistance
Interrupted supply line
Interrupted ground line
RL(ext) >5k
VO  4%VDD
VO  96 %VDD
Table 5.
System behavior
Supply voltage
State
Description
0V to
 1.8 V
start-up power The output buffer drives an active LOW or is powered down.
The switches of the power-loss detection circuit are not fully
opened and set the output to a level between ground and half
the supply voltage.
 1.8 V to V
POR
power-on
reset
The power-loss charge pump is fully operational and turns the
switches of the detection circuit off. The output buffer drives
an active LOW and sets the output to the lower diagnostic
level. During the reset phase, all circuits are in reset and/or
Power-down mode.
VPOR to Vth(on) or
Vth(off)
initialization
The digital core and the oscillator are active. After reset, the
content of the non-volatile memory is copied into the shadow
registers. The output buffer drives an active LOW and sets the
output to the lower diagnostic level.
Vth(on) or Vth(off) to
minimum VDD
functional
operation
All analog circuits are active and the measured angle is
available at the analog output. Not all parameters are within
the specified limits.


Numéro de pièce similaire - KMA221

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
KMA220 NXP-KMA220 Datasheet
740Kb / 36P
   Dual channel programmable angle sensor
Rev. 1-24 May 2012
More results

Description similaire - KMA221

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
KMA199E NXP-KMA199E Datasheet
166Kb / 31P
   Programmable angle sensor
Rev. 01-18 October 2007
KMA200 PHILIPS-KMA200 Datasheet
135Kb / 31P
   Programmable angle sensor
Rev. 05-16 August 2005
KMA199 NXP-KMA199 Datasheet
595Kb / 36P
   Programmable angle sensor
Rev. 01-26 April 2010
KMA200 NXP-KMA200 Datasheet
163Kb / 32P
   Programmable angle sensor
Rev. 07-18 July 2008
KMA210-115 NXP-KMA210-115 Datasheet
591Kb / 37P
   Programmable angle sensor
Rev. 2-7 December 2011
KMA200 PHILIPS-KMA200_11 Datasheet
278Kb / 33P
   Programmable angle sensor
Rev. 8-7 December 2011
logo
Micronas
HAL3625 MICRONAS-HAL3625 Datasheet
215Kb / 2P
   Programmable Direct Angle Sensor
logo
NXP Semiconductors
KMA310 NXP-KMA310 Datasheet
888Kb / 71P
   Programmable angle sensor IC
Rev. 3-27 February 2019
KMZ80 NXP-KMZ80 Datasheet
937Kb / 71P
   Programmable angle sensor IC
Rev. 2.1-4 July 2018
KMA321 NXP-KMA321_V01 Datasheet
1Mb / 71P
   Programmable angle sensor IC
Rev. 6 ??18 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com