Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLWI530A Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce IRLWI530A
Description  Advanced Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRLWI530A Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  IRLWI530A Datasheet HTML 1Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 2Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 3Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 4Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 5Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 6Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 7Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 8Page - Fairchild Semiconductor IRLWI530A Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRLW/I530A
10
-1
10
0
10
1
10
0
10
1
10
2
@ Notes :
1. 250
µs Pulse Test
2. T
C
= 25
oC
V
GS
Top :
7.0V
6.0V
5.5V
5.0V
4.5V
4.0V
3.5V
Bottom :
3.0V
V
DS
, Drain-Source Voltage [V]
02468
10
10
-1
10
0
10
1
25
oC
175
oC
- 55
oC
@ Notes :
1. V
GS
= 0 V
2. V
DS
= 40 V
3. 250
µs Pulse Test
V
GS
, Gate-Source Voltage [V]
0
1530
4560
0.00
0.05
0.10
0.15
0.20
@ Note : T
J
= 25
oC
V
GS = 10 V
V
GS
= 5 V
I
D
, Drain Current [A]
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
10
-1
10
0
10
1
175
oC
25
oC
@ Notes :
1. V
GS = 0 V
2. 250
µs Pulse Test
V
SD
, Source-Drain Voltage [V]
0369
12
15
18
0
2
4
6
V
DS = 80 V
V
DS = 50 V
V
DS
= 20 V
@ Notes : I
D
= 14 A
Q
G
, Total Gate Charge [nC]
10
0
10
1
0
200
400
600
800
1000
C
iss
= C
gs
+ C
gd
(C
ds
= shorted )
C
oss= Cds+ Cgd
C
rss= Cgd
@ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS
, Drain-Source Voltage [V]
1&+$11(/
32:(5 026)(7
Fig 1. Output Characteristics
Fig 2. Transfer Characteristics
Fig 6. Gate Charge vs. Gate-Source Voltage
Fig 5. Capacitance vs. Drain-Source Voltage
Fig 4. Source-Drain Diode Forward Voltage
Fig 3. On-Resistance vs. Drain Current


Numéro de pièce similaire - IRLWI530A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
IRLWI510A FAIRCHILD-IRLWI510A Datasheet
268Kb / 9P
   Advanced Power MOSFET
IRLWI520A FAIRCHILD-IRLWI520A Datasheet
233Kb / 7P
   Advanced Power MOSFET
IRLWI540A FAIRCHILD-IRLWI540A Datasheet
270Kb / 9P
   Advanced Power MOSFET
More results

Description similaire - IRLWI530A

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com