Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM1117QS-3.3 Fiches technique(PDF) 10 Page - HTC Korea TAEJIN Technology Co.

No de pièce LM1117QS-3.3
Description  1A L.D.O VOLTAGE REGULATOR Qualified to AEC-Q100 Standard
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HTC [HTC Korea TAEJIN Technology Co.]
Site Internet  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117QS-3.3 Fiches technique(HTML) 10 Page - HTC Korea TAEJIN Technology Co.

Back Button LM1117QS-3.3 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1117QS-3.3 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117QS-3.3 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117QS-3.3 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117QS-3.3 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117QS-3.3 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117QS-3.3 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM1117QS-3.3 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM1117QS-3.3 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
1A L.D.O VOLTAGE REGULATOR(Automotive Grade)
LM1117Q
Jul. 2011 Rev. 1.0
- 10 -
HTC
TYPICAL OPERATING CHARACTERISTICS
Fig.7 OUTPUT VOLTAGE CHANGE VS TEMPERATURE
Fig.8 DROPOUT VOLTAGE VS OUTPUT CURRENT
Fig.9 OUTPUT SHORT CIRCUIT CURRENT VS
DIFFERENTIAL VOLTAGE
Fig.10 OUTPUT SHORT CIRCUIT CURRENT VS
TEMPERATURE
Fig.11 ADJ PIN CURRENT VS TEMPERATURE
Fig.12 QUIESCENT CURRENT CHANGE VS TEMPERATURE


Numéro de pièce similaire - LM1117QS-3.3

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
List of Unclassifed Man...
LM1117 ETC1-LM1117 Datasheet
108Kb / 8P
   1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
logo
HTC Korea TAEJIN Techno...
LM1117 HTC-LM1117 Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
More results

Description similaire - LM1117QS-3.3

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
logo
Murata Manufacturing Co...
935174736710-XXA MURATA1-935174736710-XXA Datasheet
235Kb / 2P
   Qualified according to AEC-Q100
Last updated06/13/2022
logo
Rohm
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com