Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3639A Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM3639A
Description  Single Chip 40V Backlight 1.5A Flash LED Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM3639A Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM3639A Datasheet HTML 7Page - Texas Instruments LM3639A Datasheet HTML 8Page - Texas Instruments LM3639A Datasheet HTML 9Page - Texas Instruments LM3639A Datasheet HTML 10Page - Texas Instruments LM3639A Datasheet HTML 11Page - Texas Instruments LM3639A Datasheet HTML 12Page - Texas Instruments LM3639A Datasheet HTML 13Page - Texas Instruments LM3639A Datasheet HTML 14Page - Texas Instruments LM3639A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
0
0.5
1
1.5
2
2.5
2.5
3
3.5
4
4.5
5
5.5
V
IN (V)
C001
T
A = +85
°
C
T
A = +25
°
C and -40°C
0
0.5
1
1.5
2
2.5
2.5
3
3.5
4
4.5
5
5.5
V
IN (V)
C001
T
A = +85°C
T
A = +25°C
T
A = -40°C
0
0.0001
0.0002
0.0003
0.0004
0.0005
0.0006
0.0007
0.0008
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
V
IN (V)
ILED-MAX = 5mA
ILED-MAX = 19mA
ILED-MAX = 29.5mA
C037
0
0.0001
0.0002
0.0003
0.0004
0.0005
0.0006
0.0007
0.0008
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
V
IN (V)
+25C
+85C
-40C
C036
I
LED-MAX = 19mA
Brightness Code = 127
PWM Pin = GND
0.000
0.002
0.004
0.006
0.008
0.010
0.012
0.014
0.016
0.018
0.020
0
20
40
60
80
100
Duty Cycle (%)
500Hz
1kHz
5kHz
10kHz
25kHz
50kHz
100kHz
500kHz
C035
0.0090
0.0095
0.0100
0.0105
0.0110
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
V
IN (V)
D1, -40C
D2, -40C
D1, +25C
D2, +25C
D1, +85C
D2, +85C
C034
Duty-Cycle = 50%
f
PWM = 50kHz
I
LED-MAX = 19mA
LM3639A
www.ti.com
SNVS964 – MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6V; VEN = VIN; CIN= 10 μF, COUTF= 10 μF, COUTB = 1 μF (50V 0805 case
size); LF = 1
μH; LB = 22 μH.
Figure 33. LED Current vs PWM Duty-Cycle
Figure 34. LED Current vs Input Voltage
w/ PWM Enabled
Figure 35. PWM Offset Current vs Input Voltage
Figure 36. PWM Offset Current vs Input Voltage
Tri-Temp
Different Max. LED Current, Brightness Code = 127
Figure 37. Shutdown Current vs. VIN
Figure 38. Standby Current vs. VIN
EN = 0V
EN = VIN
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3639A


Numéro de pièce similaire - LM3639A

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM363 NSC-LM363 Datasheet
452Kb / 22P
   LM363 Precision Instrumentation Amplifier
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI-LM3630ATME Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI1-LM3630ATME Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3630ATMX TI-LM3630ATMX Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
More results

Description similaire - LM3639A

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
AAT1274 SKYWORKS-AAT1274 Datasheet
2Mb / 17P
   1.5A Single Flash LED Driver IC
logo
Diodes Incorporated
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
   40V 1.5A BUCK LED DRIVER
AL8860 DIODES-AL8860 Datasheet
1,018Kb / 17P
   40V 1.5A BUCK LED DRIVER
AL8861 DIODES-AL8861 Datasheet
685Kb / 18P
   40V 1.5A BUCK LED DRIVER
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Texas Instruments
LM3632A TI1-LM3632A Datasheet
2Mb / 64P
[Old version datasheet]   Single-Chip Backlight With Bias Power and 1.5-A Flash LED Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Shanghai awinic technol...
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
   High Efficiency, 1.5A Flash LED Driver
logo
Integrated Silicon Solu...
IS31BL3233A ISSI-IS31BL3233A Datasheet
456Kb / 13P
   2MHz, 1.5A FLASH/TORCH LED DRIVER
logo
SHANGHAI BELLING CO., L...
BL8549 BELLING-BL8549 Datasheet
540Kb / 6P
   40V Backlight LED Driver with PWM Direct Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com