Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3639A Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM3639A
Description  Single Chip 40V Backlight 1.5A Flash LED Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM3639A Fiches technique(HTML) 4 Page - Texas Instruments

  LM3639A Datasheet HTML 1Page - Texas Instruments LM3639A Datasheet HTML 2Page - Texas Instruments LM3639A Datasheet HTML 3Page - Texas Instruments LM3639A Datasheet HTML 4Page - Texas Instruments LM3639A Datasheet HTML 5Page - Texas Instruments LM3639A Datasheet HTML 6Page - Texas Instruments LM3639A Datasheet HTML 7Page - Texas Instruments LM3639A Datasheet HTML 8Page - Texas Instruments LM3639A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM3639A
SNVS964 – MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (2)
Limits in standard typeface are for TA = +25°C. Limits in boldface type apply over the full operating ambient temperature
range (
−40°C ≤ TA ≤ +85°C). Unless otherwise specified, VIN = 3.6V.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage Range
2.5
3.6
5.5
V
ISHDN
Shutdown Supply Current
Device Shutdown, EN = GND
1
3.5
µA
Device Disabled via I2C
ISB
Standby Supply Current
1
4
EN = VIN
Low Voltage Boost Specifications (Flash Driver)
750 mA Flash
−7%
1.5
+7%
A
Current Setting
28.125 mA Torch
IFLED1 + IFLED2
Current Source Accuracy
2.7V
≤ VIN ≤ 5.5V
Current Setting,
−10%
56.25
+10%
mA
per current
source
For 750 mA Flash Current Setting
315
VHR1, VHR2
Regulated Headroom Voltage
mV
For 28.125 mA Torch Current Setting
180
ON Threshold
4.87
5
5.10
Output Over-Voltage
VOVP
V
Protection Trip Point
OFF Threshold
4.71
4.88
4.98
RPMOS
PMOS Switch On-Resistance
IPMOS = 1A
85
m
RNMOS
NMOS Switch On-Resistance
INMOS = 1A
75
−12%
1.7
12%
−12%
1.9
12%
ICL
Switch Current Limit
VIN = 3.6V
A
−12%
2.5
12%
−12%
3.1
12%
Input Voltage Monitor
VIVM
VIN Falling
−4%
2.5
4%
V
Threshold
fSW
Switching Frequency
2.5V
≤ VIN ≤ 5.5V
3.64
4.00
4.36
MHz
Device Not Switching
IQ
Quiescent Supply Current
0.6
2
mA
Pass Mode, Backlight Disabled
Flash to Torch LED Current
TX low to High, ILED1,2 = 750 mA to
tTX
4
µs
Settling Time
23.44 mA
High Voltage Boost Specification (Backlight Driver)
Output Current Regulation
2.7V
≤ VIN ≤ 5.5V, Full Scale Current =
IBLED1, IBLED2
−7%
19
7%
mA
(BLED1 or BLED2)
19 mA, Brightness Register = 0xFF
BLED1 to BLED2 Current
2.7V
≤ VIN ≤ 5.5V, Full Scale Current =
IMATCH_HV
1
2.25
%
Matching(3)
19 mA, Brightness Register = 0xFF
Regulated Current Sink
VREG_CS
ILED = 19mA
400
Headroom Voltage
mV
Current Sink Minimum
VHR_MIN
ILED = 95% of ILED = 19 mA
130
Headroom Voltage
RDSON
NMOS Switch On Resistance
ISW = 500 mA
230
m
ICL_BOOST
NMOS Switch Current Limit
VIN = 3.6V
−10%
1
10%
A
ON Threshold, 2.7V
≤ VIN ≤ 5.5V,
38.4
40.0
41.4
Output Over-Voltage
OVP select bits = 11
VOVP
V
Protection
Hysteresis
1
2.5V
≤ VIN ≤ 5.5V,
fSW
Switching Frequency
Boost Frequency
465
500
535
kHz
Select Bit = '0'
DMAX
Maximum Duty Cycle
94
%
(1)
All voltages are with respect to the potential at the GND pin.
(2)
JESD ESD tests are applied at the ASIC level. The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into
each pin. The machine model is a 200 pF capacitor discharged directly into each pin.
(3)
Matching (%)= 100 × (|(ILED1 - ILED2 )| / (ILED1 + ILED2))
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3639A


Numéro de pièce similaire - LM3639A

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM363 NSC-LM363 Datasheet
452Kb / 22P
   LM363 Precision Instrumentation Amplifier
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI-LM3630ATME Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI1-LM3630ATME Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3630ATMX TI-LM3630ATMX Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
More results

Description similaire - LM3639A

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
AAT1274 SKYWORKS-AAT1274 Datasheet
2Mb / 17P
   1.5A Single Flash LED Driver IC
logo
Diodes Incorporated
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
   40V 1.5A BUCK LED DRIVER
AL8860 DIODES-AL8860 Datasheet
1,018Kb / 17P
   40V 1.5A BUCK LED DRIVER
AL8861 DIODES-AL8861 Datasheet
685Kb / 18P
   40V 1.5A BUCK LED DRIVER
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Texas Instruments
LM3632A TI1-LM3632A Datasheet
2Mb / 64P
[Old version datasheet]   Single-Chip Backlight With Bias Power and 1.5-A Flash LED Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Shanghai awinic technol...
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
   High Efficiency, 1.5A Flash LED Driver
logo
Integrated Silicon Solu...
IS31BL3233A ISSI-IS31BL3233A Datasheet
456Kb / 13P
   2MHz, 1.5A FLASH/TORCH LED DRIVER
logo
SHANGHAI BELLING CO., L...
BL8549 BELLING-BL8549 Datasheet
540Kb / 6P
   40V Backlight LED Driver with PWM Direct Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com