Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRL530A Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce IRL530A
Description  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRL530A Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  IRL530A Datasheet HTML 1Page - Fairchild Semiconductor IRL530A Datasheet HTML 2Page - Fairchild Semiconductor IRL530A Datasheet HTML 3Page - Fairchild Semiconductor IRL530A Datasheet HTML 4Page - Fairchild Semiconductor IRL530A Datasheet HTML 5Page - Fairchild Semiconductor IRL530A Datasheet HTML 6Page - Fairchild Semiconductor IRL530A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IRL530A
BV
DSS = 100 V
R
DS(on) = 0.12Ω
I
D = 14 A
100
14
9.9
49
±20
261
14
6.2
6.5
62
0.41
- 55 to +175
300
2.41
--
62.5
--
0.5
--
n Avalanche Rugged Technology
n Rugged Gate Oxide Technology
n Lower Input Capacitance
n Improved Gate Charge
n Extended Safe Operating Area
n Lower Leakage Current : 10 μA (Max.) @ V
DS = 100V
n Lower R
DS(ON) : 0.101Ω (Typ.)
Advanced Power MOSFET
Thermal Resistance
Junction-to-Case
Case-to-Sink
Junction-to-Ambient
RθJC
RθCS
RθJA
℃/W
Characteristic
Max.
Units
Symbol
Typ.
FEATURES
Absolute Maximum Ratings
Drain-to-Source Voltage
Continuous Drain Current (T
C=25℃)
Continuous Drain Current (T
C=100℃)
Drain Current-Pulsed
Gate-to-Source Voltage
Single Pulsed Avalanche Energy
Avalanche Current
Repetitive Avalanche Energy
Peak Diode Recovery dv/dt
Total Power Dissipation (T
C=25℃)
Linear Derating Factor
Operating Junction and
Storage Temperature Range
Maximum Lead Temp. for Soldering
Purposes, 1/8" from case for 5-seconds
Characteristic
Value
Units
Symbol
I
DM
V
GS
E
AS
I
AR
E
AR
dv/dt
I
D
P
D
T
J , TSTG
T
L
A
V
mJ
A
mJ
V/ns
W
W/℃
A
V
DSS
V
TO-220
1.Gate 2. Drain 3. Source
3
2
1
Rev. B1


Numéro de pièce similaire - IRL530A

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRL530 IRF-IRL530 Datasheet
193Kb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRL530 VISHAY-IRL530 Datasheet
1Mb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
IRL530 VISHAY-IRL530 Datasheet
1Mb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
IRL530 VISHAY-IRL530 Datasheet
1Mb / 9P
   Power MOSFET
09-Jul-2021
IRL530 VISHAY-IRL530 Datasheet
244Kb / 9P
   Power MOSFET
01-Jan-2022
More results

Description similaire - IRL530A

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com