Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5270B Fiches technique(PDF) 1 Page - Yea Shin Technology Co., Ltd

No de pièce 1N5270B
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YEASHIN [Yea Shin Technology Co., Ltd]
Site Internet  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N5270B Fiches technique(HTML) 1 Page - Yea Shin Technology Co., Ltd

  1N5270B Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1N5270B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1N5270B Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1N5270B Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 1N5270B Datasheet HTML 5Page - Yea Shin Technology Co., Ltd 1N5270B Datasheet HTML 6Page - Yea Shin Technology Co., Ltd 1N5270B Datasheet HTML 7Page - Yea Shin Technology Co., Ltd 1N5270B Datasheet HTML 8Page - Yea Shin Technology Co., Ltd 1N5270B Datasheet HTML 9Page - Yea Shin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.03 20121003
1N5221B~1N5281B
500 mW DO-35 Hermetically
Sealed Glass Zener Voltage
Regulators
Maximum Ratings (Note 1)
Rating
Symbol
Value
Unit
Maximum Steady State Power Dissipation
@ TL
≤75°C, Lead Length = 3/8”
Derate Above 75°C
PD
500
4.0
mW
mW/°C
Operating and Storage
Temperature Range
TJ, Tstg
-65 to +200
°C
1. Some part number series have lower JEDEC registered ratings.
Specification Features
• Zener Voltage Range = 2.4 V to 200 V
• ESD Rating of Class 3 (>16 KV) per Human Body Model
• DO-35 Package (DO-204AH)
• Double Slug Type Construction
• Metallurgical Bonding
Mechanical Characteristics
Case
: Double slug type, hermetically sealed glass
Finish
: All external surfaces are corrosion resistant and leads are readily solderable.
Polarity : Cathode indicated by polarity band
Mounting: Any
Maximum Lead Temperature for Soldering Purposes
230°C, 1/16” from the case for 10 seconds
Cathode
Anode
AXIAL LEAD
DO35
1N
52
xxB
1N52xxB
= Device Code
MARKING DIAGRAM


Numéro de pièce similaire - 1N5270B

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
1N5270B FAIRCHILD-1N5270B Datasheet
85Kb / 3P
   Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
1N5270B NJSEMI-1N5270B Datasheet
114Kb / 1P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-200 VOLTS
logo
Fairchild Semiconductor
1N5270B FAIRCHILD-1N5270B Datasheet
85Kb / 3P
   Zeners
logo
New Jersey Semi-Conduct...
1N5270B NJSEMI-1N5270B Datasheet
109Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
logo
Central Semiconductor C...
1N5270B CENTRAL-1N5270B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
More results

Description similaire - 1N5270B

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com