Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5253B Fiches technique(PDF) 8 Page - Yea Shin Technology Co., Ltd

No de pièce 1N5253B
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YEASHIN [Yea Shin Technology Co., Ltd]
Site Internet  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N5253B Fiches technique(HTML) 8 Page - Yea Shin Technology Co., Ltd

Back Button 1N5253B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1N5253B Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1N5253B Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 1N5253B Datasheet HTML 5Page - Yea Shin Technology Co., Ltd 1N5253B Datasheet HTML 6Page - Yea Shin Technology Co., Ltd 1N5253B Datasheet HTML 7Page - Yea Shin Technology Co., Ltd 1N5253B Datasheet HTML 8Page - Yea Shin Technology Co., Ltd 1N5253B Datasheet HTML 9Page - Yea Shin Technology Co., Ltd 1N5253B Datasheet HTML 10Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
http://www.yeashin.com
8
REV.03 20121003
1N5221B~1N5281B
DEVICE CHARACTERISTICS
Figure 1 1. Zener Voltage versus Zener Current - VZ = 1 thru 16 Volts
VZ , ZENER VOLTAGE (VOLTS)
20
10
1
0.1
0.01
12
5
78
9
10
11
12
13
14
15
16
TA = 25°C
Figure 12. Zener Voltage versus Zener Current - VZ = 15 thru 30 Volts
VZ , ZENER VOLTAGE (VOLTS)
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
10
1
0.1
0.01
TA = 25°C
6
34


Numéro de pièce similaire - 1N5253B

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
1N5253B EIC-1N5253B Datasheet
38Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
1N5253B VISHAY-1N5253B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Zibo Seno Electronic En...
1N5253B ZSELEC-1N5253B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Microdiode Electronics ...
1N5253B CHENDA-1N5253B Datasheet
184Kb / 3P
   ZENER DIODES
logo
Weitron Technology
1N5253B WEITRON-1N5253B Datasheet
308Kb / 3P
   Surface Mount Zener Diodes
More results

Description similaire - 1N5253B

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com