Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C8V2 Fiches technique(PDF) 1 Page - Yea Shin Technology Co., Ltd |
|
BZX55C8V2 Fiches technique(HTML) 1 Page - Yea Shin Technology Co., Ltd |
1 / 5 page DATA SHEET SEMICONDUCTOR http://www.yeashin.com 1 REV.02 20121003 500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators Absolute Maximum Ratings TA = 25°C unless otherwise noted Parameter Value Units Power Dissipation 500 mW Storage Temperature Range -65 to +175 °C Operating Junction Temperature +175 °C These ratings are limiting values above which the serviceability of the diode may be impaired. Specification Features: Zener Voltage Range 2.0 to 75 Volts DO-35 Package (JEDEC) Through-Hole Device Type Mounting Hermetically Sealed Glass Compression Bonded Construction All External Surfaces Are Corrosion Resistant And Leads Are Readily Solderable RoHS Compliant Solder Hot Dip Tin (Sn) Terminal Finish Cathode Indicated By Polarity Band Electrical Characteristics TA = 25°C unless otherwise noted VZ @ IZT (Volts) Device Type Min Max IZT (mA) ZZT @ IZT ( ) Max IZK (mA) ZZK @ IZK ( ) Max IR @ VR ( A) Max VR (Volts) BZX55C 2V0 1.88 2.11 5 100 1 600 100 1 BZX55C 2V2 2.08 2.33 5 100 1 600 100 1 BZX55C 2V4 2.28 2.56 5 85 1 600 50 1 BZX55C 2V7 2.51 2.89 5 85 1 600 10 1 BZX55C 3V0 2.8 3.2 5 85 1 600 4 1 BZX55C 3V3 3.1 3.5 5 85 1 600 2 1 BZX55C 3V6 3.4 3.8 5 85 1 600 2 1 BZX55C 3V9 3.7 4.1 5 85 1 600 2 1 BZX55C 4V3 4.0 4.6 5 75 1 600 1 1 BZX55C 4V7 4.4 5.0 5 60 1 600 0.5 1 BZX55C 5V1 4.8 5.4 5 35 1 550 0.1 1 BZX55C 5V6 5.2 6.0 5 25 1 450 0.1 1 BZX55C 6V2 5.8 6.6 5 10 1 200 0.1 2 BZX55C 6V8 6.4 7.2 5 8 1 150 0.1 3 BZX55C 7V5 7.0 7.9 5 7 1 50 0.1 5 BZX55C 8V2 7.7 8.7 5 7 1 50 0.1 6.2 BZX55C 9V1 8.5 9.6 5 10 1 50 0.1 6.8 BZX55C 10 9.4 10.6 5 15 1 70 0.1 7.5 BZX55C 11 10.4 11.6 5 20 1 70 0.1 8.2 BZX55C 12 11.4 12.7 5 20 1 90 0.1 9.1 BZX55C 13 12.4 14.1 5 26 1 110 0.1 10 Cathode Anode ELECTRICAL SYMBOL 55T xxx DEVICE MARKING DIAGRAM Device Code : BZX55Txxx T : VZ tolerance B or C AXIAL LEAD DO35 BZX55C/B Series |
Numéro de pièce similaire - BZX55C8V2 |
|
Description similaire - BZX55C8V2 |