Moteur de recherche de fiches techniques de composants électroniques |
|
1N5223B Fiches technique(PDF) 7 Page - Yea Shin Technology Co., Ltd |
|
1N5223B Fiches technique(HTML) 7 Page - Yea Shin Technology Co., Ltd |
7 / 10 page http://www.yeashin.com 7 REV.03 20121003 1N5221B~1N5281B DEVICE CHARACTERISTICS 100 70 50 30 20 10 7 5 3 2 1 0.01 0.02 0.05 0.1 0.2 0.5 1 2 5 10 20 50 100 200 500 1000 PW, PULSE WIDTH (ms) 5% DUTY CYCLE 10% DUTY CYCLE 20% DUTY CYCLE 11V-91V NONREPETITIVE 1.8V-10V NONREPETITIVE RECT ANGULAR WAVEFORM TJ = 25°C PRIOR TO INITIAL PULSE Figure 7a. Maximum Surge Power 1.8-91 Volts 1000 700 500 300 200 100 70 50 30 20 10 7 5 3 2 1 0.01 0.1 1 10 100 1000 PW, PULSE WIDTH (ms) Figure 7b. Maximum Surge Power DO-35 100-200Volts 1000 500 200 100 50 20 10 1 2 5 0.1 0.2 0.5 1 2 5 10 20 50 100 IZ , ZENER CURRENT (mA) Figure 8. Effect of Zener Current on Zener Impedance 1000 700 500 200 100 70 50 20 10 7 5 2 1 1 2 3 5 7 10 20 30 50 70 100 VZ , ZENER VOLTAGE (VOLTS) Figure 9. Effect of Zener Voltage on Zener Impedance Figure 10. Typical Forward Characteristics RECT ANGULAR WAVEFORM, TJ = 25 °C 100-200 VO LTS NONREPETITIVE TJ = 2 5 °C iZ (rms) = 0.1 IZ (dc) f = 60Hz IZ =1mA 5mA 20mA TJ = 25°C iZ(rms) = 0.1 Iz(dc) f = 60 Hz VZ = 2.7V 47V 27V 6.2V VF , FORWARD VOLTAGE (VOLTS) 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1000 500 200 100 50 20 10 5 2 1 MINIMUM MAXIMUM 150 °C 75 °C 0 °C 25 °C |
Numéro de pièce similaire - 1N5223B |
|
Description similaire - 1N5223B |