Moteur de recherche de fiches techniques de composants électroniques |
|
BU7487FV-E2 Fiches technique(PDF) 10 Page - Rohm |
|
BU7487FV-E2 Fiches technique(HTML) 10 Page - Rohm |
10 / 42 page Datasheet www.rohm.com TSZ02201-0RAR1G200380-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 10/39 12.JUL.2013 Rev.001 TSZ22111・15・001 BU7485G BU7485SG BU7486xxx BU7486Sxxx BU7487xx BU7487Sxx Typical Performance Curves - Continued ○BU7485G, BU7485SG (*)The above characteristics are measurements of typical sample, they are not guaranteed. BU7485G: -40 C to +85C BU7485SG: -40C to +105C 0 10 20 30 40 -50 -25 0 25 50 75 100 125 AMBIENT TEMPERATURE [°C] 0 10 20 30 40 50 0 0.5 1 1.5 2 2.5 3 OUTPUT VOLTAGE [V] -40 C 25 C 85 C 105 C Figure 10. Output Source Current – Output Voltage (VDD=3V) Figure 13. Output Sink Current – Ambient Temperature (OUT=VSS+0.4V) 0 5 10 15 20 -50 -25 0 255075 100 125 AMBIENT TEMPERATURE [°C] 3.0V 5.5V 4.0V Figure 11. Output Source Current – Ambient Temperature (OUT=VDD-0.4V) 0 10 20 30 40 50 60 70 80 0.0 0.5 1.0 1.5 2.0 2.5 3.0 OUTPUT VOLTAGE [V] -40 C 25 C 85 C 105 C Figure 12. Output Sink Current – Output Voltage (VDD=3V) 5.5V 3.0V 4.0V |
Numéro de pièce similaire - BU7487FV-E2 |
|
Description similaire - BU7487FV-E2 |