Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2576HVS-3.3 Fiches technique(PDF) 5 Page - Tiger Electronic Co.,Ltd

No de pièce LM2576HVS-3.3
Description  regulators are monolithic integrated circuits that provide all the active functions for a step-down switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TGS [Tiger Electronic Co.,Ltd]
Site Internet  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM2576HVS-3.3 Fiches technique(HTML) 5 Page - Tiger Electronic Co.,Ltd

  LM2576HVS-3.3 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM2576HVS-3.3 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM2576HVS-3.3 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM2576HVS-3.3 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM2576HVS-3.3 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM2576HVS-3.3 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM2576HVS-3.3 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM2576HVS-3.3 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LM2576 Series
All Output Voltage Versions
Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating Temperature Range.
Unless otherwise specified, VIN =12V for the 3.3V, 5V, and Adjustable version, VIN =25V for the 12V version, and VIN =30V for the 15V
version, , ILOAD =500mA.
Symbol
Parameter
Conditions
DEVICE PARAMETERS
LM2576-XX
XXX
XLM
LM2576HV-XX
Typ
Limit
(Note 2)
Units
(Limits)
Ib
Feedback Bias Current
VOUT =5V (Adjustable Version Only)
50
100/500
nA
fO
Oscillator Frequency
(Note 8)
52
VSAT
Saturation Voltage
IOUT =3A (Note 4)
1.4
DC
Max Duty Cycle (ON)
(Note 5)
98
ICL
Current Limit
(Notes 4, 8)
5.8
IL
Output Leakage Current
(Notes 6, 7):
Output = 0V
47/42
58/63
1.8/2.0
93
4.2/3.5
6.9/7.5
2
kHz
kHz(Min)
kHz(Max)
V
V(Max)
%
%(Min)
A
A(Min)
A(Max)
mA(Max)
Output = -1V
Output = -1V
7.5
30
mA
mA(Max)
IQ
Quiescent Current
(Note 6)
5
10
mA
mA(Max)
ISTBY
Standby Quiescent Current
___
ON/OFF Pin = 5V (OFF)
50
200
µA
µA(Max)
___
ON/OFF CONTROL
VIH
__
ON/OFF Pin
VOUT = 0V
1.4
2.2/2.4
V(Min)
VIL
Logic Input Level
VOUT = Nominal Output Voltage
1.2
1.0/0.8
V(Max)
IIH
IIL
__
ON/OFF Pin Input
Current
__
ON/OFF Pin = 5V (OFF)
__
ON/OFF Pin = 0V (ON)
12
0
30
10
µA
µA(Max)
µA
µA(Max)
Note
1:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating
Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits.
For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2:
All limits guaranteed at room temperature (standard type face) and at temperature extremes (bold type face).
Note 3:
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system
performance. When the LM2576/LM2576HV is used as shown in the Figure 2 test circuit, system performance will be a
s
shown in system parameters section of Electrical Characteristics.
Note 4:
Output pin sourcing current. No diode, inductor or capacitor connected to output.
Note 5:
Feedback pin removed from output and connected to 0V.
Note 6:
Feedback pin removed from output and connected to +12V for the Adjustable, 3.3V, and 5V, versions, and +25V for the 12V
and 15V versions, to force the output transistor OFF.
Note 7:
VIN =40V (60V for high voltage version).
Note 8:
The oscillator frequency reduces to approximately 11 kHz in the event of an output short or an overload which causes the
regulated output voltage to drop approximately 40% from the nominal output voltage. This self protections feature lowers the
average power dissipation of the IC by lowering the minimum duty cycle from 5% down to approximately 2%.
5
ELECTRONICS CO.,LTD
TIGER


Numéro de pièce similaire - LM2576HVS-3.3

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2576HVS-3.3 NSC-LM2576HVS-3.3 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576HVS-3.3 TI1-LM2576HVS-3.3 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576HVS-3.3 TI1-LM2576HVS-3.3 Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576HVS-3.3 ARTSCHIP-LM2576HVS-3.3 Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2576HVS-3.3 UMW-LM2576HVS-3.3 Datasheet
2Mb / 10P
   IC REG BUCK 3A TO263-5L
More results

Description similaire - LM2576HVS-3.3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2596 TI-LM2596 Datasheet
4Mb / 42P
[Old version datasheet]   monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving a 3A load with excellent line and load regulation.
logo
Linear Technology
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767EMS8-18 LINER-LT1767EMS8-18 Datasheet
256Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
logo
STMicroelectronics
AN1518 STMICROELECTRONICS-AN1518 Datasheet
837Kb / 30P
   The L5973D is a step-down monolithic power switching regulator capable
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
   3 A step-down monolithic switching regulator
January 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com