Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8108 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD8108
Description  325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8108 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD8108_05 Datasheet HTML 6Page - Analog Devices AD8108_05 Datasheet HTML 7Page - Analog Devices AD8108_05 Datasheet HTML 8Page - Analog Devices AD8108_05 Datasheet HTML 9Page - Analog Devices AD8108_05 Datasheet HTML 10Page - Analog Devices AD8108_05 Datasheet HTML 11Page - Analog Devices AD8108_05 Datasheet HTML 12Page - Analog Devices AD8108_05 Datasheet HTML 13Page - Analog Devices AD8108_05 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
AD8108/AD8109
Rev. B | Page 9 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
AGND
3
IN01
4
AGND
7
IN03
6
AGND
5
IN02
1
IN00
8
AGND
9
IN04
10
AGND
12
AGND
13
IN06
14
AGND
15
IN07
16
AGND
17
AVEE
18
AVCC
19
AVCC07
20
OUT07
11
IN05
59
58
57
54
55
56
60
53
52
DATA OUT
CLK
DATA IN
A0
SER/PAR
UPDATE
CE
A1
A2
51
D0
49
D2
48
D3
47
NC
46
AGND
45
AVEE
44
AVCC
43
AVCC00
42
AGND00
41
OUT00
50
D1
NC = NO CONNECT
21 22 23
24 25 26 27
28 29 30
31 32 33 34 35 36 37 38 39 40
80 79
78
77
76 75 74
73 72 71
70 69 68 67 66 65 64 63 62 61
PIN 1
AD8108/AD8109
TOP VIEW
(Not to Scale)
Figure 6. Pin Configuration


Numéro de pièce similaire - AD8108_05

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8108-EB AD-AD8108-EB Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8108AST AD-AD8108AST Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8108ASTZ AD-AD8108ASTZ Datasheet
469Kb / 27P
   8x8 Buffered Video Crosspoint Switches
AD8108 AD-AD8108_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108_16 Datasheet
469Kb / 27P
   8x8 Buffered Video Crosspoint Switches
More results

Description similaire - AD8108_05

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8108 AD-AD8108_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8109 AD-AD8109_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110ASTZ AD-AD8110ASTZ Datasheet
416Kb / 28P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_16 Datasheet
288Kb / 21P
   16x 8 Buffered Video Crosspoint Switches
AD8110 AD-AD8110 Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com