Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA3474YFVMC Fiches technique(PDF) 11 Page - Rohm

No de pièce BA3474YFVMC
Description  Automotive High Speed Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA3474YFVMC Fiches technique(HTML) 11 Page - Rohm

Back Button BA3474YFVMC Datasheet HTML 7Page - Rohm BA3474YFVMC Datasheet HTML 8Page - Rohm BA3474YFVMC Datasheet HTML 9Page - Rohm BA3474YFVMC Datasheet HTML 10Page - Rohm BA3474YFVMC Datasheet HTML 11Page - Rohm BA3474YFVMC Datasheet HTML 12Page - Rohm BA3474YFVMC Datasheet HTML 13Page - Rohm BA3474YFVMC Datasheet HTML 14Page - Rohm BA3474YFVMC Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200540-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
11/29
20.DEC.2012 Rev.002
TSZ22111・15・00
BA3472Yxxx-C, BA3474YFV-C, BA3472WFV-C, BA3474WFV-C
0
5
10
15
20
25
30
35
40
-50
-25
0
255075
100 125 150
AMBIENT TEMPERATURE [℃]
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
0
10203040
SUPPLY VOLTAGE[V]
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
-50
-25
0
255075
100 125 150
AMBIENT TEMPERATURE [℃]
0. 1
1. 0
10.0
100. 0
01
23
456
VCC-OUT[V]
○BA3472Y, BA3472W
(*)The above data is measurement value of typical sample, it is not guaranteed.
Figure 6.
Maximum Output Voltage(High)
- Ambient Temperature
(RL=10k
Ω)
Figure 7.
Maximum Output Voltage(Low)
- Supply Voltage
(RL=10k
Ω)
Figure 8.
Maximum Output Voltage(Low)
- Ambient Temperature
(RL=10k
Ω)
Figure 9.
Output Source Current - (VCC-OUT)
(VCC/VEE=5V/0V)
36V
3V
30V
5V
25℃
125℃
-40℃
5V
3V
36V
30V
-40℃
25℃
125℃


Numéro de pièce similaire - BA3474YFVMC

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA3474YFV-C ROHM-BA3474YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
More results

Description similaire - BA3474YFVMC

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
BA83472YF-C ROHM-BA83472YF-C Datasheet
2Mb / 29P
   Automotive High Speed Excellent EMI Characteristics Operational Amplifiers
09.Nov.2020 Rev.003
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
   HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA132 TI1-OPA132 Datasheet
1Mb / 30P
[Old version datasheet]   High-Speed FET-Input Operational Amplifiers
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS274 STMICROELECTRONICS-TS274 Datasheet
198Kb / 15P
   HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
logo
STMicroelectronics
TS274C STMICROELECTRONICS-TS274C Datasheet
90Kb / 8P
   HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com