Moteur de recherche de fiches techniques de composants électroniques |
|
BA2903YFVC Fiches technique(PDF) 9 Page - Rohm |
|
BA2903YFVC Fiches technique(HTML) 9 Page - Rohm |
9 / 32 page www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved. TSZ02201-0RFR1G200120-1-2 TSZ22111・15・001 9/29 11.Mar.2013 Rev.003 BA2903Yxxx-C, BA2901Yxx-C Datasheet ○BA2903Yxxx-C (*)The data above is measurement value of typical sample, it is not guaranteed. Figure 14. Input Offset Current – Ambient Temperature Figure 15. Large Signal Voltage Gain – Supply Voltage Figure 17. Common Mode Rejection Ratio – Supply Voltage Figure 16. Large Signal Voltage Gain – Ambient Temperature 60 70 80 90 100 110 120 130 140 0 1020 3040 SUPPLY VOLTAGE [V] -50 -40 -30 -20 -10 0 10 20 30 40 50 -50 -25 0 255075 100 125 150 AMBIENT TEMPERATURE [℃] 60 70 80 90 100 110 120 130 140 -50 -25 0 255075 100 125 150 AMBIENT TEMPERATURE [℃] 40 60 80 100 120 140 160 0 102030 40 SUPPLY VOLTAGE [V] 2V 5V 36V 125℃ -40℃ 25℃ 15V 5V 36V -40℃ 25℃ 125℃ |
Numéro de pièce similaire - BA2903YFVC |
|
Description similaire - BA2903YFVC |