Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM61J11B205DO Fiches technique(PDF) 2 Page - C&K Components

No de pièce DM61J11B205DO
Description  Miniature 2 Pole Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

DM61J11B205DO Fiches technique(HTML) 2 Page - C&K Components

  DM61J11B205DO Datasheet HTML 1Page - C&K Components DM61J11B205DO Datasheet HTML 2Page - C&K Components DM61J11B205DO Datasheet HTML 3Page - C&K Components DM61J11B205DO Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
G
G–71
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
DM Series
Miniature 2 Pole Power Rocker Switches
SWITCH FUNCTION
ACTUATOR
HOUSING STYLE/COLOR
Actuator shown in pos. 1 –'ON' position.
TERMINAL NUMBERS FOR
REFERENCE ONLY
2B
1B
DPST
DPDT
OPEN
1-1B, 2-2B
1-1A, 2-2A
1-1A, 2-2A
OFF
ON
ON
ON
3
10
3
10
DM22
DM62
DM21
DM61
DP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
SWITCH FUNCTION
POS. 1
POS. 2
AMP
RATING*
MODEL
NO.
NO.
POLES
DPDT
1
2
1A
2A
1A
1
1B
2A
2B
2
Part number shown: DM61J12S205Q
* RATINGS: See page G-72 for complete ratings.
All models
with all options. DM6X models also
S2
SNAP-IN, BLACK
J1
ROCKER
B2
RECESSED SNAP-IN ACTUATOR GUARD, BLACK
ACTUATOR COLOR
ACTUATOR
NOTE: Actuator finish: matte. Other colors
available, consult Customer Service Center.
NOTE: Housing finish: matte. Other colors
available, consult Customer Service Center.
2
BLACK
1
WHITE
ACTUATOR
COLOR
OPTION
CODE


Numéro de pièce similaire - DM61J11B205DO

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
DM61J11B205DQ ITT-DM61J11B205DQ Datasheet
349Kb / 4P
   Miniature 2 Pole Power Rocker Switches
More results

Description similaire - DM61J11B205DO

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
DM21J12S205DQ CK-COMPONENTS-DM21J12S205DQ Datasheet
1Mb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
ITT Industries
DM21J12S205Q ITT-DM21J12S205Q Datasheet
349Kb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
C&K Components
DM CK-COMPONENTS-DM Datasheet
851Kb / 8P
   Miniature 2 Pole Power Rocker Switches
15 May 20
DM61J12S205Q CK-COMPONENTS-DM61J12S205Q Datasheet
253Kb / 4P
   DM Series Miniature 2 Pole Power Rocker Switches
DA101J11S215DQF6 CK-COMPONENTS-DA101J11S215DQF6 Datasheet
286Kb / 4P
   Miniature Single Pole Rocker Switches
logo
ITT Industries
DT12J12S215QA ITT-DT12J12S215QA Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
logo
C&K Components
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
   Miniature Single Pole Rocker Switches
15 May 20
logo
ITT Industries
DA101J12S215QF ITT-DA101J12S215QF Datasheet
193Kb / 5P
   Miniature Single Pole Rocker Switches
logo
List of Unclassifed Man...
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
   Miniature Power Rocker Switches
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com